Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2D Datasheet(PDF) 1 Page - Suntan Capacitors

Part # ES2D
Description  SURFACE MOUNT SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

ES2D Datasheet(HTML) 1 Page - Suntan Capacitors

  ES2D Datasheet HTML 1Page - Suntan Capacitors ES2D Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
ES2A THRU ES2J
SURFACE MOUNT SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 600Volts
CURRENT 2.0 Ampere
F E A T U R E S
◆Plastic package has Underwrites Laboratory
◆Flammability Classification 94V-0
◆Glass passivated chip junction
◆Built-in strain relief
◆Super Fast switching speed for high efficiency
◆High temperature soldering guaranteed: 250℃/10 seconds
Mechanical Data
◆Case: JEDED DO-214AA transfer molded plastic
◆Terminals: Solder plated, Solderable per MIL-STD-750
◆Method 2026
◆Polarity: Color band denotes cathode end
◆Weight: 0.003 ounce, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOLS
ES2A
ES2B
ES2C
ES2D
ES2E
ES2G
ES2J
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current at TL =100
I(AV)
2.0
Amps
Peak Forward Surge Current 8.3ms single half sine wave
superimposed on rated load (JEDEC method)
IFSM
50
Amps
Maximum lnstantaneous Forward Voltage @ 2.0A
VF
0.95
1.25
1.7
Volts
Maximum DC Reverse Current at rated DC
Blocking voltage per element
TA=25
IR
5.0
μA
TA=125
200
Maximum Reverse Recovery Time Test conditions IF=0.5A,
IR=1.0A, IRR=0.25A
trr
35
nS
Typical Junstion Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
25
208
pF
Typical Thermal Resistance (Note 1)
RθJA
75
℃/W
RθJL
17
Operating Junction Temperature Range
TJ
-55 to +150
Storage Tempetature Rang
TSTG
-55 to +150
Note:
1. Thermal resistance from Junction to ambient and from junction to lead mounted on P.C.B.
With 0.3”×0.3”(8.0mm × 8.0mm) copper pad areas.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
DO-214AA (SMB)
Dimensions in inches and (millimeters)


Similar Part No. - ES2D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES2D FORMOSA-ES2D Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Jinan Gude Electronic D...
ES2D JGD-ES2D Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Anova Technologies CO.,...
ES2D ANOVA-ES2D Datasheet
271Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
Guangdong Kexin Industr...
ES2D KEXIN-ES2D Datasheet
590Kb / 2P
   Rectifier Diodes
logo
DAESAN ELECTRONIC CORP.
ES2D DAESAN-ES2D Datasheet
340Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 400 Volts
More results

Similar Description - ES2D

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
RS1A-F SMC-RS1A-F Datasheet
221Kb / 6P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com