Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G06DPW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUP1G06DPW
Description  Low-Power Single Inverter With Open-Drain Outputs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G06DPW Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G06DPW Datasheet HTML 1Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 2Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 3Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 4Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 5Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 6Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 7Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 8Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
A
Y
2
4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
SN74AUP1G06
SCES590E – JULY 2004 – REVISED OCTOBER 2017
SN74AUP1G06 Low-Power Single Inverter With Open-Drain Outputs
1
1 Features
1
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
Available in the Texas Instruments NanoStar™
Package
Low Static-Power Consumption
(ICC = 0.9 µA Maximum)
Low Dynamic-Power Consumption
(Cpd = 1 pF Typical at 3.3 V)
Low Input Capacitance (Ci = 1.5 pF Typical)
Low Noise – Overshoot and Undershoot <10% of
VCC
Ioff Supports Partial Power-Down-Mode Operation
Input Hysteresis Allows Slow Input Transition and
Better Switching Noise Immunity at the Input (Vhys
= 250 mV Typical at 3.3 V)
Wide Operating VCC Range of 0.8 V to 3.6 V
Optimized for 3.3-V Operation
3.6-V I/O Tolerant to Support Mixed-Mode Signal
Operation
tpd = 3.6 ns Maximum at 3.3 V
Suitable for Point-to-Point Applications
2 Applications
AV Receivers
Smartphones
Blu-ray Players and Home Theaters
Desktop or Notebook PCs
Embedded PCs
GPS: Personal Navigation Devices
Mobile Internet Devices
Network Projector Front-Ends
Portable Media Players
Smoke Detectors
Solid State Drive (SSD): Enterprise
High-Definition (HDTV)
Tablets: Enterprise
Audio Docks: Portable
3 Description
The AUP family is TI's premier solution to the
industry's
low-power
needs
in
battery-powered
portable applications. This family ensures a very low
static and dynamic power consumption across the
entire VCC range of 0.8 V to 3.6 V, resulting in an
increased battery life. This product also maintains
excellent signal integrity (see
AUP – The Lowest-Power Family and Excellent
Signal Integrity).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AUP1G06DBV
SOT-23 (5)
2.90 mm × 1.60 mm
SN74AUP1G06DCK
SC70 (5)
2.00 mm × 1.25 mm
SN74AUP1G06DRL
SOT-5X3 (5)
1.60 mm × 1.20 mm
SN74AUP1G06DRY
SON (6)
1.45 mm × 1.00 mm
SN74AUP1G06DSF
SON (6)
1.00 mm x 1.00 mm
SN74AUP1G06YFP
DSBGA (4)
0.76 mm × 0.76 mm
SN74AUP1G06DPW(2)
X2SON (5)
0.80 mm x 0.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Package preview only
Logic Diagram


Similar Part No. - SN74AUP1G06DPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06DPW TI1-SN74AUP1G06DPW Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06DPWR TI1-SN74AUP1G06DPWR Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results

Similar Description - SN74AUP1G06DPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_18 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06 Datasheet
60Kb / 6P
   Single Inverter with Open Drain Outputs
January, 2005 ??Rev. 3
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ05 ONSEMI-NL17SZ05_18 Datasheet
186Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 0
NLV17SZ06 ONSEMI-NLV17SZ06 Datasheet
71Kb / 5P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 0
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com