Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2333PIDSGR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2333PIDSGR
Description  1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2333PIDSGR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2333PIDSGR Datasheet HTML 2Page - Texas Instruments OPA2333PIDSGR Datasheet HTML 3Page - Texas Instruments OPA2333PIDSGR Datasheet HTML 4Page - Texas Instruments OPA2333PIDSGR Datasheet HTML 5Page - Texas Instruments OPA2333PIDSGR Datasheet HTML 6Page - Texas Instruments OPA2333PIDSGR Datasheet HTML 7Page - Texas Instruments OPA2333PIDSGR Datasheet HTML 8Page - Texas Instruments OPA2333PIDSGR Datasheet HTML 9Page - Texas Instruments OPA2333PIDSGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
OPA2333P
SBOS908 – NOVEMBER 2017
www.ti.com
Product Folder Links: OPA2333P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
φm
Phase margin
VO = 10 mVPP, CL = 100 pF
65
Degrees
GBW
Gain-bandwidth product
VO = 10 mVPP, CL = 100 pF
350
kHz
SR
Slew rate
VO = 4-V step
G = 1
0.16
V/µs
OUTPUT
Output voltage swing
RL = 10 kΩ
30
50
mV
RL = 2 kΩ
50
100
mV
TA = –40°C to +125°C
RL = 10 kΩ
70
mV
RL = 2 kΩ
150
mV
ISC
Short-circuit current
±5
mA
CL
Capactive load drive
See Typical Characteristics
ZO
Open-loop output impedance
f = 350 kHz, IO = 0 mA
2
Turnon time
VS = 5 V
100
500
µs
POWER SUPPLY
VS
Specified voltage
1.8
5.5
V
IQ
Quiescent current (per
amplifier)
IO = 0 A
17
25
µA
TA = –40°C to +125°C
28
TEMPERATURE RANGE
TA
Specified range
–40
125
°C
TA
Operating range
–55
150
°C


Similar Part No. - OPA2333PIDSGR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2333 BURR-BROWN-OPA2333 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA2333 TI1-OPA2333 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2333 TI1-OPA2333 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2333 TI1-OPA2333 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results

Similar Description - OPA2333PIDSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com