Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6292IDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MCP6292IDR
Description  10-MHz, Rail-to-Rail Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCP6292IDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MCP6292IDR Datasheet HTML 4Page - Texas Instruments MCP6292IDR Datasheet HTML 5Page - Texas Instruments MCP6292IDR Datasheet HTML 6Page - Texas Instruments MCP6292IDR Datasheet HTML 7Page - Texas Instruments MCP6292IDR Datasheet HTML 8Page - Texas Instruments MCP6292IDR Datasheet HTML 9Page - Texas Instruments MCP6292IDR Datasheet HTML 10Page - Texas Instruments MCP6292IDR Datasheet HTML 11Page - Texas Instruments MCP6292IDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
MCP6291, MCP6292, MCP6294
SBOS879A – JULY 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: MCP6291 MCP6292 MCP6294
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.5 Thermal Information: MCP6294
THERMAL METRIC
MCP6294
UNIT
D (SOIC)
14 PINS
RθJA
Junction-to-ambient thermal resistance
106.9
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
64
°C/W
RθJB
Junction-to-board thermal resistance
63
°C/W
ψJT
Junction-to-top characterization parameter
25.9
°C/W
ψJB
Junction-to-board characterization parameter
62.7
°C/W


Similar Part No. - MCP6292IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCP6292IDR TI1-MCP6292IDR Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6292IDR TI1-MCP6292IDR Datasheet
1Mb / 32P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6292IDR TI1-MCP6292IDR Datasheet
1Mb / 33P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6292IDR TI1-MCP6292IDR Datasheet
2Mb / 40P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6292IDR TI1-MCP6292IDR Datasheet
2Mb / 45P
[Old version datasheet]   MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
More results

Similar Description - MCP6292IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCP6291 TI1-MCP6291_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_19 Datasheet
2Mb / 40P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6291_018 TI1-MCP6291_018 Datasheet
1Mb / 33P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_V01 Datasheet
2Mb / 45P
[Old version datasheet]   MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
NCS20161 ONSEMI-NCS20161 Datasheet
321Kb / 22P
   8 MHz, Rail-To-Rail, CMOS Operational Amplifier
October, 2022 - Rev. 0
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com