Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90CAN128-16AI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90CAN128-16AI
Description  Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
Download  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN128-16AI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90CAN128-16AI Datasheet HTML 1Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 2Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 3Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 4Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 5Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 6Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 7Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 8Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 413 page
background image
5
AT90CAN128
4250E–CAN–12/04
Figure 3. Pinout AT90CAN128- QFN
PC0 (A8)
(RXD0 / PDI) PE0
(TXD0 / PDO) PE1
(XCK0 / AIN0) PE2
(OC3A / AIN1) PE3
(OC3B / INT4) PE4
(OC3C / INT5) PE5
(T3 / INT6) PE6
(ICP3 / INT7) PE7
(SS) PB0
(SCK) PB1
(MOSI) PB2
(MISO) PB3
(OC2A) PB4
(OC1B) PB6
(OC1A) PB5
PC1 (A9)
PC2 (A10)
PC3 (A11)
PC4 (A12)
PC5 (A13)
PC6 (A14)
PC7 (A15 / CLKO)
PA7 (AD7)
PG2 (ALE)
PA6 (AD6)
PA5 (AD5)
PA4 (AD4)
PA3 (AD3)
PG1 (RD)
PG0 (WR)
2
3
1
4
5
6
7
8
9
10
11
12
13
14
16
33
15
47
46
48
45
44
43
42
41
40
39
38
37
36
35
34
NC = Do not connect (May be used in future devices)
(1)
Timer2 Oscillator
(2)
NC
(1)
AT90CAN128
(64-lead QFN top view)
INDEX CORNER


Similar Part No. - AT90CAN128-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128-16AI ATMEL-AT90CAN128-16AI Datasheet
461Kb / 15P
   8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
AT90CAN128-16AI ATMEL-AT90CAN128-16AI Datasheet
518Kb / 16P
   Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
AT90CAN128-16AI ATMEL-AT90CAN128-16AI Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN128-16AI ATMEL-AT90CAN128-16AI Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results

Similar Description - AT90CAN128-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128 ATMEL-AT90CAN128 Datasheet
461Kb / 15P
   8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90CAN128-15AZ ATMEL-AT90CAN128-15AZ Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32 ATMEL-AT90CAN32 Datasheet
518Kb / 16P
   Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
ATMEGA32U6 ATMEL-ATMEGA32U6 Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646_0607 ATMEL-AT90USB646_0607 Datasheet
3Mb / 435P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_08 Datasheet
1Mb / 30P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
466130 ATMEL-466130 Datasheet
489Kb / 36P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com