Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCMT468F5B Datasheet(PDF) 9 Page - World Produts Inc.

Part # PCMT468F5B
Description  Supplied loose in box and ammopack
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468F5B Datasheet(HTML) 9 Page - World Produts Inc.

Back Button PCMT468F5B Datasheet HTML 5Page - World Produts Inc. PCMT468F5B Datasheet HTML 6Page - World Produts Inc. PCMT468F5B Datasheet HTML 7Page - World Produts Inc. PCMT468F5B Datasheet HTML 8Page - World Produts Inc. PCMT468F5B Datasheet HTML 9Page - World Produts Inc. PCMT468F5B Datasheet HTML 10Page - World Produts Inc. PCMT468F5B Datasheet HTML 11Page - World Produts Inc. PCMT468F5B Datasheet HTML 12Page - World Produts Inc. PCMT468F5B Datasheet HTML 13Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
91
STORAGE TEMPERATURRE
. Storage temperature : Tstg = -25 to +40
oC with RH maximum 80% without condensation.
RATINGS AND CHARACTERISTICS
Unless otherwise specified, all electrical values apply at an ambient free air temperature of 23±1℃, an
atmospheric pressure of 86 to 106 kPa and a relative humidity of 50±2%.
For reference testing, a conditioning period shall be applied over 96±4 hours by heating the products in
a circulating air oven at the rated temperature and a relative humidity not exceeding 20%.
CHARACTERISTICS
Test Voltage
. Test Voltage ( between leads ) : 1.6 x VRdc, 1 min ( cut off current 10mA, rise time 100V/s )
. Test Voltage ( between leads and case ) : 2.0 x VRdc, 1 min
Dissipation Factor
Tangent of loss angle ( x 10
-4 )
Rated voltage
Capacitance
1 KHz
10 KHz
100V
0.27㎌
1.0㎌
<
<
C
C
1.0㎌
6.8㎌
75
75
130
150
250V
0.1㎌
1.0㎌
<
<
C
C
C
0.1㎌
1.0㎌
12㎌
75
75
75
130
130
150
400V
0.1㎌
1.0㎌
<
<
C
C
C
0.1㎌
1.0㎌
4.7㎌
75
75
75
130
130
150
630V
0.1㎌
1.0㎌
<
<
C
C
C
0.1㎌
1.0㎌
2.2㎌
75
75
75
130
130
150
Insulation Resistance
The insulation resistance is measured after a voltage has been applied for 1 minute ±5 seconds,
the voltage being 100±15V for the 100, 250 and 400V versions and 500±50V for the 630V versions.
Rated voltage
Capacitance
R between leads (㏁)
RC between leads (sec)
100 V
C > 0.33㎌
-
5 000 s
C ≤ 0.33㎌
30 000
-
250V / 400V / 630V
C > 0.33㎌
-
10 000 s
Rated Voltage Pulse Load Slope (dV/dt)R
For values see specific reference data. If the pulse voltage is lower than the rated voltage, the values of
the specific reference data mast be multiplied by VRdc and divided by the applied voltage.
Rated pulse load(V/㎲) as a function of lmax
Rated voltage
lmax = 12.5mm
lmax = 18.0mm
lmax = 26.0mm
lmax = 31.0mm
100V
30
20
20
-
250V
120
45
20
15
400V
170
65
30
25
630V
120
90
35
30


Similar Part No. - PCMT468F5B

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCMT HAMMOND-PCMT Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003 HAMMOND-PCMT19003 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT23003 HAMMOND-PCMT23003 Datasheet
82Kb / 1P
   Mounting hardware not included
More results

Similar Description - PCMT468F5B

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCRC420 WPI-PCRC420 Datasheet
212Kb / 7P
   Supplied loose in box and taped in ammopack
PCX2347 WPI-PCX2347 Datasheet
251Kb / 6P
   Supplied loose in box and taped on reel
PCX1331 WPI-PCX1331 Datasheet
233Kb / 7P
   Supplied loose in box and taped on reel
logo
Japan Aviation Electron...
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
   RM cores are supplied in sets
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
   RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P1 JAE-HB01S06K4P1 Datasheet
343Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com