Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P255GAL336KAPJ Datasheet(PDF) 7 Page - World Produts Inc.

Part # P255GAL336KAPJ
Description  Metallized Polypropylene Film Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

P255GAL336KAPJ Datasheet(HTML) 7 Page - World Produts Inc.

  P255GAL336KAPJ Datasheet HTML 1Page - World Produts Inc. P255GAL336KAPJ Datasheet HTML 2Page - World Produts Inc. P255GAL336KAPJ Datasheet HTML 3Page - World Produts Inc. P255GAL336KAPJ Datasheet HTML 4Page - World Produts Inc. P255GAL336KAPJ Datasheet HTML 5Page - World Produts Inc. P255GAL336KAPJ Datasheet HTML 6Page - World Produts Inc. P255GAL336KAPJ Datasheet HTML 7Page - World Produts Inc. P255GAL336KAPJ Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
P255
( AC-filtering application )
(PCPW 255)
TYPE SPECIFICATION
7 OF 8
14-07-24
( C ) PILKOR ELECTRONICS 2013
QSN-075-77
VRac = 400Vac
VRdc = 1050Vdc
Code
P255
P1±
±
±
± 0.5
(mm)
Irms
(1)
(A)
ESR
(2)
(m
Ω)
Tol. ±
±
±
± 10% / lt = 5±
±
±
± 1 mm
Cap
(
㎌)
b x h x l
(mm)
4-Pin
dv/dt
(V/us )
Ipk
(A)
2-pin
4-pin
2-pin
4-pin
2-pin
4-pin
Pitch = 27.5 ±
±
±
± 0.5 mm
dt = 0.8
dt = 1.2
1.0
11.0 x 19.0 x 31.0
-
47
47
*
-
-
JAL105KALJ
-
1.5
13.0 x 23.0 x 31.0
-
47
70
*
-
-
JAL155KALJ
-
1.8
15.0 x 25.0 x 31.0
-
47
94
*
-
-
JAL185KALJ
-
2.5
18.0 x 28.0 x 31.0
-
47
131
*
-
-
JAL255KALJ
-
3.5
21.0 x 31.0 x 31.0
-
47
188
*
-
-
JAL355KALJ
-
Pitch = 37.5 ±
±
±
± 0.5 mm
dt = 1.0
dt = 1.2
5
18.0 X 33.0 X 42.0
-
32
160
*
-
*
-
JAQ505KAGJ
-
6.5
20.0 X 35.0 X 42.0
10.2
32
208
*
*
*
*
JAQ655KAGJ
JAQ655KAPJ
9
24.0 X 39.0 X 42.0
10.2
32
288
-
*
-
*
-
JAQ905KAPJ
11
28.0 X 43.0 X 42.0
10.2
32
352
-
*
-
*
-
JAQ116KAPJ
13
30.0 X 45.0 X 42.0
20.3
32
416
-
*
-
*
-
JAQ136KAPJ
Pitch = 52.5 ±
±
±
± 0.5 mm
dt = 1.2
dt = 1.2
18
30.0 X 45.0 X 57.5
20.3
21
378
-
*
-
*
-
JAT186KAPJ
25
35.0 X 50.0 X 57.5
20.3
21
525
-
*
-
*
-
JAT256KAPJ
* In Progress
(1) Max. at 10KHz, +70℃
(2) Typical values at 10KHz
DRAFT


Similar Part No. - P255GAL336KAPJ

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
P25 TEC-P25 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Tyco Electronics
P25 MACOM-P25 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Amphenol Corporation
P25 AMPHENOL-P25 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Harwin Plc
P25-0123 HARWIN-P25-0123 Datasheet
59Kb / 1P
   2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE
P25-0126 HARWIN-P25-0126 Datasheet
61Kb / 1P
   2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE
More results

Similar Description - P255GAL336KAPJ

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com