Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCMT468F89 Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCMT468F89
Description  Supplied loose in box and ammopack
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468F89 Datasheet(HTML) 6 Page - World Produts Inc.

Back Button PCMT468F89 Datasheet HTML 2Page - World Produts Inc. PCMT468F89 Datasheet HTML 3Page - World Produts Inc. PCMT468F89 Datasheet HTML 4Page - World Produts Inc. PCMT468F89 Datasheet HTML 5Page - World Produts Inc. PCMT468F89 Datasheet HTML 6Page - World Produts Inc. PCMT468F89 Datasheet HTML 7Page - World Produts Inc. PCMT468F89 Datasheet HTML 8Page - World Produts Inc. PCMT468F89 Datasheet HTML 9Page - World Produts Inc. PCMT468F89 Datasheet HTML 10Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
88
VRdc = 400V
VRac = 220V
~~
mini type
CATALOGUE NUMBER
PCMT 468 .....
loose in box
lt = 5.0 ± 1.0 mm
Cap.
(㎌)
b x h x l
(mm)
Mass
(g)
C-tol. ± 5 %
C-tol. ± 10 %
Pitch = 10.0 ± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
4.0 x 10.0 x 12.5
0.8
PCMT 468 82103
PCMT 468 82123
PCMT 468 82153
PCMT 468 82183
PCMT 468 82223
PCMT 468 82273
PCMT 468 82333
PCMT 468 82393
PCMT 468 82473
PCMT 468 83103
PCMT 468 83123
PCMT 468 83153
PCMT 468 83183
PCMT 468 83223
PCMT 468 83273
PCMT 468 83333
PCMT 468 83393
PCMT 468 83473
0.056
0.068
5.0 x 11.0 x 12.5
0.9
PCMT 468 82563
PCMT 468 82683
PCMT 468 83563
PCMT 468 83683
0.082
0.1
6.0 x 12.0 x 12.5
1.0
PCMT 468 82823
PCMT 468 82104
PCMT 468 83823
PCMT 468 83104
Pitch = 15.0 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.1
0.12
0.15
5.0 x 11.0 x 18.0
1.2
PCMT 468 52104
PCMT 468 82124
PCMT 468 82154
PCMT 456 53104
PCMT 468 83124
PCMT 468 83154
0.15
0.18
0.20
0.22
6.0 x 12.0 x 18.0
1.4
PCMT 468 52154
PCMT 468 82184
PCMT 468 82204
PCMT 468 82224
PCMT 468 53154
PCMT 468 83184
PCMT 468 83204
PCMT 468 83224
0.22
0.27
0.33
7.0 x 13.5 x 18.0
1.9
PCMT 468 52224
PCMT 468 82274
PCMT 468 82334
PCMT 468 53224
PCMT 468 83274
PCMT 468 83334
0.33
0.39
0.47
8.5 x 15.0 x 18.0
2.6
PCMT 468 52334
PCMT 468 82394
PCMT 468 82474
PCMT 468 53334
PCMT 468 83394
PCMT 468 83474
0.56
10.0 x 16.5 x 18.0
PCMT 468 82564
PCMT 468 83564
Pitch = 22.5 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.47
7.0 x 16.5 x 26.0
3.2
PCMT 468 52474
PCMT 468 53474
0.68
0.82
8.5 x 18.0 x 26.0
4.4
PCMT 468 82684
PCMT 468 82824
PCMT 468 83684
PCMT 468 83824
1.0
1.2
10.0 x 19.5 x 26.0
5.5
PCMT 468 82105
PCMT 468 82125
PCMT 468 83105
PCMT 468 83125
Pitch = 27.5 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
1.2
1.5
1.8
11.0 x 21.0 x 31.0
7.8
PCMT 468 52125
PCMT 468 82155
PCMT 468 82185
PCMT 468 53125
PCMT 468 83155
PCMT 468 83185
2.2
2.7
13.0 x 23.0 x 31.0
12.8
PCMT 468 82225
PCMT 468 82275
PCMT 468 83225
PCMT 468 83275
3.3
3.9
15.0 x 25.0 x 31.0
17.2
PCMT 468 82335
PCMT 468 82395
PCMT 468 83335
PCMT 468 83395
4.7
18.0 x 28.0 x 31.0
19.6
PCMT 468 82475
PCMT 468 83475
; Larger type


Similar Part No. - PCMT468F89

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCMT HAMMOND-PCMT Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003 HAMMOND-PCMT19003 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT23003 HAMMOND-PCMT23003 Datasheet
82Kb / 1P
   Mounting hardware not included
More results

Similar Description - PCMT468F89

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCRC420 WPI-PCRC420 Datasheet
212Kb / 7P
   Supplied loose in box and taped in ammopack
PCX2347 WPI-PCX2347 Datasheet
251Kb / 6P
   Supplied loose in box and taped on reel
PCX1331 WPI-PCX1331 Datasheet
233Kb / 7P
   Supplied loose in box and taped on reel
logo
Japan Aviation Electron...
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
   RM cores are supplied in sets
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
   RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P1 JAE-HB01S06K4P1 Datasheet
343Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com