Electronic Components Datasheet Search |
|
AME8501AEFVCD40 Datasheet(PDF) 10 Page - Analog Microelectronics |
|
AME8501AEFVCD40 Datasheet(HTML) 10 Page - Analog Microelectronics |
10 / 14 page AME, Inc. 10 µµµµµProcessor Supervisory AME8500 / 8501 n Timing Diagram n Applications Information Supply Transients These devices have a certain immunity to fast negative going transients. In the following pages the graph titled “Glitch Rejection” indicates the maximum allowable glitch amplitude and duration to avoid triggering an unintended reset. As shown in the graph shorter transients can have larger amplitudes without triggering resets. V DD RESETB RESET T D2 V Release V TH T D1 T D2 T D1 50% 50% 50% 50% Glitch Rejection Reset Time vs. Temperature Glitch Amplitude (V) 0 20 40 60 80 100 120 140 0.01 0.1 1 190 195 200 205 210 215 220 -45 -5 25 55 85 115 Temperature (oC) AME8500AEETAF26 |
Similar Part No. - AME8501AEFVCD40 |
|
Similar Description - AME8501AEFVCD40 |