Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PINA2181A4IDGSR Datasheet(PDF) 3 Page - Texas Instruments

Part # PINA2181A4IDGSR
Description  Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PINA2181A4IDGSR Datasheet(HTML) 3 Page - Texas Instruments

  PINA2181A4IDGSR Datasheet HTML 1Page - Texas Instruments PINA2181A4IDGSR Datasheet HTML 2Page - Texas Instruments PINA2181A4IDGSR Datasheet HTML 3Page - Texas Instruments PINA2181A4IDGSR Datasheet HTML 4Page - Texas Instruments PINA2181A4IDGSR Datasheet HTML 5Page - Texas Instruments PINA2181A4IDGSR Datasheet HTML 6Page - Texas Instruments PINA2181A4IDGSR Datasheet HTML 7Page - Texas Instruments PINA2181A4IDGSR Datasheet HTML 8Page - Texas Instruments PINA2181A4IDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1
OUT
6
VS
2
GND
5
REF
3
IN+
4
IN±
Not to scale
3
INA181, INA2181, INA4181
www.ti.com
SBOS793B – APRIL 2017 – REVISED NOVEMBER 2017
Product Folder Links: INA181 INA2181 INA4181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
NUMBER OF CHANNELS
GAIN (V/V)
INA181A1
1
20
INA181A2
1
50
INA181A3
1
100
INA181A4
1
200
INA2181A1
2
20
INA2181A2
2
50
INA2181A3
2
100
INA2181A4
2
200
INA4181A1
4
20
INA4181A2
4
50
INA4181A3
4
100
INA4181A4
4
200
6 Pin Configurations and Functions
DBV Package
6-Pin SOT-23
Top View
Pin Functions: INA181
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
2
Analog
Ground
IN–
4
Analog input
Current-sense amplifier negative input. For high-side applications, connect to load
side of sense resistor. For low-side applications, connect to ground side of sense
resistor.
IN+
3
Analog input
Current-sense amplifier positive input. For high-side applications, connect to bus-
voltage side of sense resistor. For low-side applications, connect to load side of
sense resistor.
OUT
1
Analog output
Output voltage
REF
5
Analog input
Reference input
VS
6
Analog
Power supply, 2.7 V to 5.5 V


Similar Part No. - PINA2181A4IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PINA2181A4IDGSR TI1-PINA2181A4IDGSR Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
More results

Similar Description - PINA2181A4IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_18 Datasheet
1Mb / 44P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_V01 Datasheet
2Mb / 56P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1_1904 TI1-INA181-Q1_1904 Datasheet
1Mb / 49P
[Old version datasheet]   Automotive, bidirectional, low- and high-side voltage output, current-sense amplifiers
INA181-Q1 TI1-INA181-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_19 Datasheet
1Mb / 47P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180-Q1 TI1-INA180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com