Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK60E2-156M25SIAR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMK60E2-156M25SIAR
Description  High Performance Low Jitter Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK60E2-156M25SIAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK60E2-156M25SIAR Datasheet HTML 4Page - Texas Instruments LMK60E2-156M25SIAR Datasheet HTML 5Page - Texas Instruments LMK60E2-156M25SIAR Datasheet HTML 6Page - Texas Instruments LMK60E2-156M25SIAR Datasheet HTML 7Page - Texas Instruments LMK60E2-156M25SIAR Datasheet HTML 8Page - Texas Instruments LMK60E2-156M25SIAR Datasheet HTML 9Page - Texas Instruments LMK60E2-156M25SIAR Datasheet HTML 10Page - Texas Instruments LMK60E2-156M25SIAR Datasheet HTML 11Page - Texas Instruments LMK60E2-156M25SIAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
VOD
OUT_P
OUT_N
VOUT,DIFF,PP = 2 x VOD
0 V
20%
80%
tR
tF
Sine wave
Modulator
Power Supply
Balun
Phase Noise/
Spectrum
Analyzer
LMK60XX
150
(LVPECL)
Open (LVDS)
50
(HCSL)
150
(LVPECL)
Open (LVDS)
50
(HCSL)
LMK60XX
HCSL
50
50
Balun/
Buffer
Phase Noise/
Spectrum
Analyzer
Phase Noise/
Spectrum
Analyzer
LVDS
Balun/
Buffer
LMK60XX
8
LMK60E2-125M, LMK60E2-156M, LMK60E0-156M
LMK60E0-212M, LMK60I2-100M, LMK60I2-322M
SNAS718B – DECEMBER 2016 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LMK60E2-125M LMK60E2-156M LMK60E0-156M LMK60E0-212M LMK60I2-100M LMK60I2-
322M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Device Output Configurations (continued)
Figure 5. LVDS Output AC Configuration During Device Test
Figure 6. HCSL Output AC Configuration During Device Test
Figure 7. PSRR Test Setup
Figure 8. Differential Output Voltage and Rise/Fall Time


Similar Part No. - LMK60E2-156M25SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-156M25SIAR TI1-LMK60E2-156M25SIAR Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-156M25SIAR TI1-LMK60E2-156M25SIAR Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-156M25SIAR TI1-LMK60E2-156M25SIAR Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results

Similar Description - LMK60E2-156M25SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com