Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK60E2-150M00SIAT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMK60E2-150M00SIAT
Description  High-Performance Low Jitter Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK60E2-150M00SIAT Datasheet(HTML) 1 Page - Texas Instruments

  LMK60E2-150M00SIAT Datasheet HTML 1Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 2Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 3Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 4Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 5Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 6Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 7Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 8Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NC
OUTN
VDD
OE
GND
OUTP
1
6
2
5
4
3
1
2
3
6
5
4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMK60E2-150M, LMK60E0-156257
LMK60A0-148351, LMK60A0-148M
SNAS687C – JUNE 2016 – REVISED NOVEMBER 2017
LMK60XX High-Performance Low Jitter Oscillator
1
1 Features
1
Low Noise, High Performance
Jitter: 150 fs RMS typical Fout > 100 MHz
PSRR: –60 dBc, Robust Supply Noise
Immunity
Supported Output Format
LVPECL and LVDS up to 800 MHz
HCSL up to 400 MHz
Total Frequency Tolerance of ±50 ppm
(LMK60X2) and ±25 ppm (LMK60X0)
3.3-V Operating Voltage
Industrial Temperature Range (–40ºC to +85ºC)
7-mm × 5-mm 6-pin Package That is Pin-
Compatible With Industry Standard 7050 XO
Package
2 Applications
High-Performance Replacement for Crystal-,
SAW-, or Silicon-based Oscillators
Switches, Routers, Network Line Cards, Base
Band Units (BBU), Servers, Storage/SAN
Test and Measurement
Medical Imaging
FPGA, Processor Attach
3 Description
The LMK60XX device is a low jitter oscillator that
generates a commonly used reference clock. The
device is pre-programmed in factory to support any
reference clock frequency; supported output formats
are LVPECL, and LVDS up to 800 MHz, and HCSL
up to 400 MHz. Internal power conditioning provide
excellent power supply ripple rejection (PSRR),
reducing the cost and complexity of the power
delivery network. The device operates from a single
3.3-V ±5% supply.
Device Information(1)
PART
NUMBER
OUTPUT FREQ
(MHz) AND
FORMAT
TOTAL FREQ
STABILITY
(ppm)
PACKAGE /
SIZE
LMK60E2-
150M
150 LVPECL
±50
6-pin QFM,
7 mm × 5 mm
LMK60E0-
156257
156.257
LVPECL
±25
LMK60A0-
148351
148 + 32/91
LVDS
±25
LMK60A0-
148M
148.5 LVDS
±25
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Pinout


Similar Part No. - LMK60E2-150M00SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-150M00SIAT TI1-LMK60E2-150M00SIAT Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results

Similar Description - LMK60E2-150M00SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com