Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5032ZEDBZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032ZEDBZR
Description  Ultra-Low-Power Digital-Switch Hall Effect Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032ZEDBZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV5032ZEDBZR Datasheet HTML 2Page - Texas Instruments DRV5032ZEDBZR Datasheet HTML 3Page - Texas Instruments DRV5032ZEDBZR Datasheet HTML 4Page - Texas Instruments DRV5032ZEDBZR Datasheet HTML 5Page - Texas Instruments DRV5032ZEDBZR Datasheet HTML 6Page - Texas Instruments DRV5032ZEDBZR Datasheet HTML 7Page - Texas Instruments DRV5032ZEDBZR Datasheet HTML 8Page - Texas Instruments DRV5032ZEDBZR Datasheet HTML 9Page - Texas Instruments DRV5032ZEDBZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
DRV5032
SLVSDC7D – APRIL 2017 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: DRV5032
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.5 Electrical Characteristics
for VCC = 1.65 V to 5.5 V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PUSH-PULL OUTPUT DRIVER
VOH
High-level output voltage
IOUT = –1 mA
VCC – 0.35
VCC – 0.1
V
VOL
Low-level output voltage
IOUT = 1 mA
0.1
0.3
V
OPEN-DRAIN OUTPUT
IOZ
High impedance output leakage
current
VCC = 5.5 V, OUT = 5.5 V
5
100
nA
VOL
Low-level output voltage
IOUT = 1 mA
0.1
0.3
V
DU, FA, FC, FD, AJ, ZE VERSIONS
fS
Frequency of magnetic sampling
13.3
20
37
Hz
tS
Period of magnetic sampling
27
50
75
ms
ICC(AVG)
Average current consumption
VCC = 1.8 V
1.3
µA
VCC = 3 V
1.6
3.5
VCC = 5 V
2.3
FB VERSION
fS
Frequency of magnetic sampling
3.5
5
8.5
Hz
tS
Period of magnetic sampling
117
200
286
ms
ICC(AVG)
Average current consumption
VCC = 1.8 V
0.54
µA
VCC = 3 V
0.69
1.8
VCC = 5 V
1.06
ALL VERSIONS
ICC(PK)
Peak current consumption
2
2.7
mA
tON
Power-on time (see Figure 17)
55
100
µs
tACTIVE
Active time period (see Figure 17)
40
µs


Similar Part No. - DRV5032ZEDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032ZEDBZR TI1-DRV5032ZEDBZR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032ZEDBZR TI1-DRV5032ZEDBZR Datasheet
1Mb / 37P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032ZEDBZR TI-DRV5032ZEDBZR Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5032ZEDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI-DRV5032_V02 Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032_V01 Datasheet
1Mb / 37P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
logo
Diodes Incorporated
AH1911 DIODES-AH1911 Datasheet
588Kb / 9P
   ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
   ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
logo
Texas Instruments
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1925 DIODES-AH1925 Datasheet
593Kb / 9P
   ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
logo
Texas Instruments
DRV5021 TI1-DRV5021 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Unipolar, Digital-Switch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com