Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCY2130L3C Datasheet(PDF) 9 Page - World Produts Inc.

Part # PCY2130L3C
Description  10 to 27.5mm lead pitch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCY2130L3C Datasheet(HTML) 9 Page - World Produts Inc.

Back Button PCY2130L3C Datasheet HTML 5Page - World Produts Inc. PCY2130L3C Datasheet HTML 6Page - World Produts Inc. PCY2130L3C Datasheet HTML 7Page - World Produts Inc. PCY2130L3C Datasheet HTML 8Page - World Produts Inc. PCY2130L3C Datasheet HTML 9Page - World Produts Inc. PCY2130L3C Datasheet HTML 10Page - World Produts Inc. PCY2130L3C Datasheet HTML 11Page - World Produts Inc. PCY2130L3C Datasheet HTML 12Page - World Produts Inc. PCY2130L3C Datasheet HTML 13Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
3LONRU FRPSRQHQWV
(0, 6XSSUHVVLRQ
3&< 
ILOP FDSDFLWRUV
7<3( 63(&,),&$7,21
 2) 

& 3,/.25 (/(&7521,&6 
461
6DIHW\
3$&.$*( 0$5.,1*
7KH SDFNDJH FRQWDLQLQJ WKH FDSDFLWRUV LQ PDUNLQJ DV VKRZQ
For 4E/6E/9E/11E
For 4E/6E/9E/11E
For 4E/6E/9E/11E
For 4E/6E/9E/11E
/,1( 0$5.,1* (;3/$1$7,21
 0DQXIDFWXUHUV QDPH
 6XEIDPLO\
 7\SH GHVFULSWLRQ DQG VDIHW\ FODVV <
 &DSDFLWDQFH YDOXH WROHUDQFH YROWDJH
DQG FOLPDWLF FDWHJRU\ ,(&
 6DIHW\ DSSURYDOV
/HDG IUHH PDUNLQJ -('(&67'
 %DWFK 1U
SURGXFWLRQ SHULRG \HDU DQG ZHHN FRGH
 4XDQWLW\ DQG SURGXFW FRGH 1&
&RORU RI /DEHO  /LJKW JUHHQ
&RORU RI
6DIHW\
0DUNLQJ  5HG
&4& 0DUNLQJ ZLOO EH DSSOLHG 
3,/.25 (OHFWURQLFV
INTERF. SUPPR. FILM CAPACITOR
MKP RADIAL POTTED TYPE
Y2
0.1uF
±20% 300V~
55/105/21
2000
PCY2 130D30152
DATE 
BATCH NO 
6DIHW
\
EN60384-14
9a


Similar Description - PCY2130L3C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60IR51005040K KEMET-R60IR51005040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60ER5100AA40K KEMET-R60ER5100AA40K Datasheet
53Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 100 V, 85C, Lead Spacing = 27.5mm
R60MR51005040K KEMET-R60MR51005040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 400 V, 85C, Lead Spacing = 27.5mm
R71XR510050H0K KEMET-R71XR510050H0K Datasheet
51Kb / 1P
   R71H, Film, Metallized Polypropylene, Automotive Grade, 10 uF, 10%, 450 VDC, 85째C, Lead Spacing = 27.5mm
R71VR510050H6K KEMET-R71VR510050H6K Datasheet
50Kb / 1P
   R71H, Film, Metallized Polypropylene, Automotive Grade, 10 uF, 10%, 520 VDC, 85째C, Lead Spacing = 27.5mm
C4AQLBU5100A1XK KEMET-C4AQLBU5100A1XK Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 10 uF, 10%, 500 V, 70C, Lead Spacing = 27.5mm
C4AF1BU4470A11K KEMET-C4AF1BU4470A11K Datasheet
57Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 4.7 uF, 10%, 500 V, 85C, Lead Spacing = 27.5mm
C4AF3BU4220A12K KEMET-C4AF3BU4220A12K Datasheet
57Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 2.2 uF, 10%, 800 V, 85C, Lead Spacing = 27.5mm
C4AF9BU4150A1XK KEMET-C4AF9BU4150A1XK Datasheet
57Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 1.5 uF, 10%, 630 V, 85C, Lead Spacing = 27.5mm
C4AF1BU4680A12K KEMET-C4AF1BU4680A12K Datasheet
58Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 6.8 uF, 10%, 500 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com