Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB15RF120K Datasheet(PDF) 8 Page - International Rectifier

Part # GB15RF120K
Description  IGBT PIM MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GB15RF120K Datasheet(HTML) 8 Page - International Rectifier

Back Button GB15RF120K Datasheet HTML 4Page - International Rectifier GB15RF120K Datasheet HTML 5Page - International Rectifier GB15RF120K Datasheet HTML 6Page - International Rectifier GB15RF120K Datasheet HTML 7Page - International Rectifier GB15RF120K Datasheet HTML 8Page - International Rectifier GB15RF120K Datasheet HTML 9Page - International Rectifier GB15RF120K Datasheet HTML 10Page - International Rectifier GB15RF120K Datasheet HTML 11Page - International Rectifier GB15RF120K Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
GB15RF120K
8
www.irf.com
Fig. 21 - Typ. IGBT Output Characteristics
TJ = 125°C; tp = 80µs
Fig. 20 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 80µs
Fig. 23 - Typical VCE vs. VGE
TJ = 25°C
Fig.24- Typical VCE vs. VGE
TJ = 125°C
Brake
Fig. 22 - Typ. Transfer Characteristics
VCE = 50V; tp = 10µs
Fig. 25- Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
0
2
4
6
8
10 12 14 16 18 20
VGE (V)
0
20
40
60
80
100
TJ = 25°C
TJ = 125°C
510
15
20
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 3.75A
ICE = 7.5A
ICE = 15A
510
15
20
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 3.75A
ICE = 7.5A
ICE = 15A
0
20
40
60
80
100
VCE (V)
10
100
1000
10000
Cies
Coes
Cres
01
23
45
6
VCE (V)
0
5
10
15
20
25
30
35
40
45
50
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
01
2345
6
VCE (V)
0
5
10
15
20
25
30
35
40
45
50
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V


Similar Part No. - GB15RF120K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results

Similar Description - GB15RF120K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GB25RF120K IRF-GB25RF120K Datasheet
781Kb / 13P
   IGBT PIM MODULE
GB10RF120K IRF-GB10RF120K Datasheet
1Mb / 12P
   IGBT PIM MODULE
GB30RF60K IRF-GB30RF60K Datasheet
398Kb / 14P
   IGBT PIM MODULE
logo
Fuji Electric
7MBR15NE120 FUJI-7MBR15NE120 Datasheet
523Kb / 9P
   IGBT MODULE(1200V/15A/PIM)
7MBR50UA120 FUJI-7MBR50UA120 Datasheet
190Kb / 7P
   IGBT MODULE (1200V / 50A / PIM)
7MBR30SA060 FUJI-7MBR30SA060 Datasheet
646Kb / 7P
   IGBT MODULE(600V/30A/PIM)
7MBR50UB120 FUJI-7MBR50UB120 Datasheet
195Kb / 7P
   IGBT MODULE (U series) 1200V / 50A / PIM
7MBR35UB120 FUJI-7MBR35UB120 Datasheet
194Kb / 7P
   IGBT MODULE (U series) 1200V / 35A / PIM
7MBR50U2A060 FUJI-7MBR50U2A060 Datasheet
183Kb / 7P
   IGBT MODULE (U series) 600V / 50A / PIM
logo
List of Unclassifed Man...
7MBR75UB120 ETC2-7MBR75UB120 Datasheet
156Kb / 7P
   IGBT MODULE (U series) 1200V / 75A / PIM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com