Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7A801800B Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K7A801800B
Description  256Kx36 & 512Kx18 Synchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A801800B Datasheet(HTML) 3 Page - Samsung semiconductor

  K7A801800B Datasheet HTML 1Page - Samsung semiconductor K7A801800B Datasheet HTML 2Page - Samsung semiconductor K7A801800B Datasheet HTML 3Page - Samsung semiconductor K7A801800B Datasheet HTML 4Page - Samsung semiconductor K7A801800B Datasheet HTML 5Page - Samsung semiconductor K7A801800B Datasheet HTML 6Page - Samsung semiconductor K7A801800B Datasheet HTML 7Page - Samsung semiconductor K7A801800B Datasheet HTML 8Page - Samsung semiconductor K7A801800B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
K7A801800B
256Kx36 & 512Kx18 Synchronous SRAM
- 3 -
Rev 3.0
Nov. 2003
K7A803600B
256Kx36 & 512Kx18-bit Synchronous Pipelined Burst SRAM
The K7A803600B and K7A801800B are 9,437,184-bit Syn-
chronous Static Random Access Memory designed for high
performance second level cache of Pentium and Power PC
based System.
It is organized as 256K(512K) words of 36(18) bits and inte-
grates address and control registers, a 2-bit burst address
counter and added some new functions for high perfor-
mance cache RAM applications; GW, BW, LBO, ZZ. Write
cycles are internally self-timed and synchronous.
Full bus-width write is done by GW, and each byte write is
performed by the combination of WEx and BW when GW is
high. And with CS1 high, ADSP is blocked to control signals.
Burst cycle can be initiated with either the address status
processor(ADSP) or address status cache controller(ADSC)
inputs. Subsequent burst addresses are generated inter-
nally in the system¢s burst sequence and are controlled by
the burst address advance(ADV) input.
LBO pin is DC operated and determines burst sequence(lin-
ear or interleaved).
ZZ pin controls Power Down State and reduces Stand-by
current regardless of CLK.
The K7A803600B and K7A801800B are fabricated using
SAMSUNG¢s high performance CMOS technology and is
available in a 100pin TQFP and Multiple power and ground
pins are utilized to minimize ground bounce.
GENERAL DESCRIPTION
FEATURES
• Synchronous Operation.
• 2 Stage Pipelined operation with 4 Burst.
• On-Chip Address Counter.
• Self-Timed Write Cycle.
• On-Chip Address and Control Registers.
• 3.3V+0.165V/-0.165V Power Supply.
• I/O Supply Voltage 3.3V+0.165V/-0.165V for 3.3V I/O
or 2.5V+0.4V/-0.125V for 2.5V I/O
• 5V Tolerant Inputs Except I/O Pins.
• Byte Writable Function.
• Global Write Enable Controls a full bus-width write.
• Power Down State via ZZ Signal.
• LBO Pin allows a choice of either a interleaved burst or a linear
burst.
• Three Chip Enables for simple depth expansion with No Data
Contention only for TQFP ; 2cycle Enable, 1cycle Disable.
• Asynchronous Output Enable Control.
• ADSP, ADSC, ADV Burst Control Pins.
• TTL-Level Three-State Output.
• 100-TQFP-1420A
• Operating in commeical and industrial temperature range.
FAST ACCESS TIMES
PARAMETER
Symbol
-16
-14
Unit
Cycle Time
tCYC
6.0
7.2
ns
Clock Access Time
tCD
3.5
3.8
ns
Output Enable Access Time
tOE
3.5
3.8
ns
LOGIC BLOCK DIAGRAM
CLK
LBO
ADV
ADSC
ADSP
CS1
CS2
CS2
GW
BW
WEx
OE
ZZ
DQa0 ~ DQd7 or DQa0 ~ DQb7
BURST CONTROL
LOGIC
BURST
256Kx36 , 512Kx18
ADDRESS
CONTROL
OUTPUT
DATA-IN
ADDRESS
COUNTER
MEMORY
ARRAY
REGISTER
REGISTER
BUFFER
LOGIC
A
0~A′1
A0~A1
or A2~A18
or A0~A18
REGISTER
DQPa ~ DQPd
A0~A17
A2~A17
(x=a,b,c,d or a,b)
DQP
a,DQPb


Similar Part No. - K7A801800B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A801800B SAMSUNG-K7A801800B Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A801800B-QC14 SAMSUNG-K7A801800B-QC14 Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A801800B-QC16 SAMSUNG-K7A801800B-QC16 Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
More results

Similar Description - K7A801800B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A803600M SAMSUNG-K7A803600M Datasheet
542Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803600B SAMSUNG-K7A803600B_06 Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
KM718V987 SAMSUNG-KM718V987 Datasheet
574Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609B SAMSUNG-K7A803609B_06 Datasheet
420Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B801825M SAMSUNG-K7B801825M Datasheet
582Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803601M SAMSUNG-K7A803601M Datasheet
466Kb / 17P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B803625B SAMSUNG-K7B803625B Datasheet
460Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609A SAMSUNG-K7A803609A Datasheet
372Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7D803671B SAMSUNG-K7D803671B Datasheet
270Kb / 16P
   256Kx36 & 512Kx18 SRAM
K7P803611M SAMSUNG-K7P803611M Datasheet
221Kb / 13P
   256Kx36 & 512Kx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com