Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCMP384J02 Datasheet(PDF) 9 Page - World Produts Inc.

Part # PCMP384J02
Description  Small dimension for high density packaging
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384J02 Datasheet(HTML) 9 Page - World Produts Inc.

Back Button PCMP384J02 Datasheet HTML 5Page - World Produts Inc. PCMP384J02 Datasheet HTML 6Page - World Produts Inc. PCMP384J02 Datasheet HTML 7Page - World Produts Inc. PCMP384J02 Datasheet HTML 8Page - World Produts Inc. PCMP384J02 Datasheet HTML 9Page - World Produts Inc. PCMP384J02 Datasheet HTML 10Page - World Produts Inc. PCMP384J02 Datasheet HTML 11Page - World Produts Inc. PCMP384J02 Datasheet HTML 12Page - World Produts Inc. PCMP384J02 Datasheet HTML 13Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
193
VRdc = 800 V
VRac = 450 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.010
0.011
0.012
0.013
0.015
0.016
0.018
5.0 x 11.0 x 18.0
1.2
PCMP 384 M2103
PCMP 384 M2113
PCMP 384 M2123
PCMP 384 M2133
PCMP 384 M2153
PCMP 384 M2163
PCMP 384 M2183
PCMP 384 MA103
PCMP 384 MA113
PCMP 384 MA123
PCMP 384 MA133
PCMP 384 MA153
PCMP 384 MA163
PCMP 384 MA183
0.020
0.022
6.0 x 12.0 x 18.0
1.4
PCMP 384 M2203
PCMP 384 M2223
PCMP 384 MA203
PCMP 384 MA223
0.027
0.033
7.0 x 13.5 x 18.0
1.9
PCMP 384 M2273
PCMP 384 M2333
PCMP 384 MA273
PCMP 384 MA333
0.039
0.047
8.5 x 15.0 x 18.0
2.6
PCMP 384 M2393
PCMP 384 M2473
PCMP 384 MA393
PCMP 384 MA473
0.056
0.068
10.0 x 16.5 x 18.0
3.1
PCMP 384 M2563
PCMP 384 M2683
PCMP 384 MA563
PCMP 384 MA683


Similar Part No. - PCMP384J02

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP389 WPI-PCMP389 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F42 WPI-PCMP389F42 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F43 WPI-PCMP389F43 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F45 WPI-PCMP389F45 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F4A WPI-PCMP389F4A Datasheet
131Kb / 16P
   Low loss dielectric
More results

Similar Description - PCMP384J02

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
   IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
Hirose Electric
HP5-189P-1.27W HIROSE-HP5-189P-1.27W Datasheet
1Mb / 34P
   High-density Packaging System
logo
Omron Electronics LLC
B3S-1000P OMRON-B3S-1000P Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
logo
Hirose Electric
PO55-P-316 HIROSE-PO55-P-316 Datasheet
259Kb / 6P
   High-density Packaging System(Coaxial Connectors for Hi-PAS Mounting)
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com