Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1781 Datasheet(PDF) 11 Page - Analog Devices

Part # ADAU1781
Description  Low Noise Stereo Codec
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1781 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAU1781 Datasheet HTML 7Page - Analog Devices ADAU1781 Datasheet HTML 8Page - Analog Devices ADAU1781 Datasheet HTML 9Page - Analog Devices ADAU1781 Datasheet HTML 10Page - Analog Devices ADAU1781 Datasheet HTML 11Page - Analog Devices ADAU1781 Datasheet HTML 12Page - Analog Devices ADAU1781 Datasheet HTML 13Page - Analog Devices ADAU1781 Datasheet HTML 14Page - Analog Devices ADAU1781 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
ADAU1781
Rev. B | Page 10 of 92
Parameter
Mode
Factor
Min
Typ
Max
Unit
DAC INTERPOLATION FILTER
Pass Band
48 kHz mode, typ value is for 48 kHz
0.4535 × f
S
22
kHz
96 kHz mode, typ value is for 96 kHz
0.3646 × f
S
35
69
kHz
Pass-Band Ripple
48 kHz mode, typ value is for 48 kHz
±0.01
dB
96 kHz mode, typ value is for 96 kHz
±0.05
dB
Transition Band
48 kHz mode, typ value is for 48 kHz
0.5 × f
S
24
kHz
96 kHz mode, typ value is for 96 kHz
0.5 × f
S
48
kHz
Stop Band
48 kHz mode, typ value is for 48 kHz
0.5465 × f
S
26
kHz
96 kHz mode, typ value is for 96 kHz
0.6354 × f
S
61
kHz
Stop-Band Attenuation
48 kHz mode, typ value is for 48 kHz
70
dB
96 kHz mode, typ value is for 96 kHz
70
dB
Group Delay
48 kHz mode, typ value is for 48 kHz
25/f
S
521
µs
96 kHz mode, typ value is for 96 kHz
11/f
S
115
µs
DIGITAL INPUT/OUTPUT SPECIFICATIONS
−25°C < TA < +85°C, IOVDD = 1.62 V to 3.63 V, unless otherwise specified.
Table 6.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
HIGH LEVEL INPUT VOLTAGE (V
IH)
0.7 × IOVDD
V
LOW LEVEL INPUT VOLTAGE (V
IL)
IOVDD ≥ 2.97 V
0.3 × IOVDD
V
1.8 V ≤ IOVDD ≤ 2.97 V
0.2 × IOVDD
V
IOVDD < 1.8 V
0.1 × IOVDD
V
INPUT LEAKAGE
I
IH at VIH = 2.4 V
±0.17
µA
I
IL at VIL = 0.8 V
±0.17
µA
I
IL of MCKI
−7
µA
I
IH with internal pull-up
±0.7
µA
I
IL with internal pull-down
−7
µA
I
IH with internal pull-up
5
µA
I
IL with internal pull-down
±0.18
µA
HIGH LEVEL OUTPUT VOLTAGE (V
OH)
For low drive strength, I
OH = 2 mA and IOL = 2 mA
at IOVDD = 3.3 V, I
OH = 0.6 mA and IOL = 0.6 mA at
IOVDD = 1.8 V; for high drive strength, I
OH = 3 mA
and I
OL = 3 mA at IOVDD = 3.3 V, IOH = 0.9 mA and
I
OL = 0.9 mA at IOVDD = 1.8 V
IOVDD − 0.4
V
LOW LEVEL OUTPUT VOLTAGE (V
OL)
For low drive strength, I
OH = 2 mA and IOL = 2 mA
at IOVDD = 3.3 V, I
OH = 0.6 mA and IOL = 0.6 mA at
IOVDD = 1.8 V; for high drive strength, I
OH = 3 mA
and I
OL = 3 mA at IOVDD = 3.3 V, IOH = 0.9 mA and
I
OL = 0.9 mA at IOVDD = 1.8 V
0.4
V
INPUT CAPACITANCE
5
pF


Similar Part No. - ADAU1781

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
ADAU1781BCPZ AD-ADAU1781BCPZ Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
ADAU1781BCPZ-RL AD-ADAU1781BCPZ-RL Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
ADAU1781BCPZ-RL7 AD-ADAU1781BCPZ-RL7 Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
More results

Similar Description - ADAU1781

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
logo
Texas Instruments
TLV320AIC3107 TI1-TLV320AIC3107 Datasheet
2Mb / 102P
[Old version datasheet]   Low-Power Stereo Codec
logo
Analog Devices
ADAU1381 AD-ADAU1381 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Enhanced Recording and Playback Processing
REV. 0
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Dialog Semiconductor
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
   Ultra-Low Power Stereo Codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
   Ultra-low power stereo codec
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Renesas Technology Corp
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
   Ultra-low power stereo codec
23-Dec-2021
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
   Ultra-low power stereo codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com