Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1761 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAU1761
Description  24-Bit Audio Codec with Integrated PLL
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAU1761 Datasheet HTML 2Page - Analog Devices ADAU1761 Datasheet HTML 3Page - Analog Devices ADAU1761 Datasheet HTML 4Page - Analog Devices ADAU1761 Datasheet HTML 5Page - Analog Devices ADAU1761 Datasheet HTML 6Page - Analog Devices ADAU1761 Datasheet HTML 7Page - Analog Devices ADAU1761 Datasheet HTML 8Page - Analog Devices ADAU1761 Datasheet HTML 9Page - Analog Devices ADAU1761 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
ADAU1761
Rev. C | Page 5 of 92
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PSEUDO-DIFFERENTIAL PGA INPUT
Full-Scale Input Voltage (0 dB)
Scales linearly with AVDD
AVDD/3.3
V rms
AVDD = 1.8 V
0.55 (1.56)
V rms (V p-p)
AVDD = 3.3 V
1.0 (2.83)
V rms (V p-p)
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
AVDD = 1.8 V
92
dB
AVDD = 3.3 V
98
dB
No Filter (RMS)
AVDD = 1.8 V
90
dB
AVDD = 3.3 V
95
dB
Total Harmonic Distortion + Noise
−1 dBFS
AVDD = 1.8 V
−88
dB
AVDD = 3.3 V
−89
dB
Signal-to-Noise Ratio
With A-Weighted Filter (RMS)
AVDD = 1.8 V
92
dB
AVDD = 3.3 V
98
dB
No Filter (RMS)
AVDD = 1.8 V
90
dB
AVDD = 3.3 V
95
dB
Volume Control Step
PGA gain
0.75
dB
Volume Control Range
PGA gain
−12
+35.25
dB
PGA Boost
20
dB
Mute Attenuation
−87
dB
Interchannel Gain Mismatch
0.005
dB
Offset Error
0
mV
Gain Error
−14
%
Interchannel Isolation
83
dB
Common-Mode Rejection Ratio
100 mV rms, 1 kHz
65
dB
100 mV rms, 20 kHz
65
dB
FULL DIFFERENTIAL PGA INPUT
Differential PGA inputs
Full-Scale Input Voltage (0 dB)
Scales linearly with AVDD
AVDD/3.3
V rms
AVDD = 1.8 V
0.55 (1.56)
V rms (V p-p)
AVDD = 3.3 V
1.0 (2.83)
V rms (V p-p)
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
AVDD = 1.8 V
92
dB
AVDD = 3.3 V
98
dB
No Filter (RMS)
AVDD = 1.8 V
90
dB
AVDD = 3.3 V
95
dB
Total Harmonic Distortion + Noise
−1 dBFS
AVDD = 1.8 V
−70
dB
AVDD = 3.3 V
−78
dB
Signal-to-Noise Ratio
With A-Weighted Filter (RMS)
AVDD = 1.8 V
92
dB
AVDD = 3.3 V
98
dB
No Filter (RMS)
AVDD = 1.8 V
90
dB
AVDD = 3.3 V
95
dB
Volume Control Step
PGA gain
0.75
dB
Volume Control Range
PGA gain
−12
+35.25
dB
PGA Boost
20
dB
Mute Attenuation
−87
dB
Interchannel Gain Mismatch
0.005
dB
Offset Error
0
mV
Gain Error
−14
%


Similar Part No. - ADAU1761

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 93P
   Audio Codec
ADAU1761BCPZ AD-ADAU1761BCPZ Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
ADAU1761BCPZ AD-ADAU1761BCPZ Datasheet
1Mb / 93P
   Audio Codec
ADAU1761BCPZ-R7 AD-ADAU1761BCPZ-R7 Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
More results

Similar Description - ADAU1761

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1361 AD-ADAU1361_17 Datasheet
667Kb / 81P
   Audio Codec with Integrated PLL
ADAU1961 AD-ADAU1961_17 Datasheet
929Kb / 77P
   Audio Codec with Integrated PLL
ADAU1461 AD-ADAU1461_17 Datasheet
1Mb / 89P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. 0
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
logo
List of Unclassifed Man...
AK4620BVFP-E2 ETC2-AK4620BVFP-E2 Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
logo
Asahi Kasei Microsystem...
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620B AKM-AK4620B Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com