Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCMP389L52 Datasheet(PDF) 11 Page - World Produts Inc.

Part # PCMP389L52
Description  Low loss dielectric
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389L52 Datasheet(HTML) 11 Page - World Produts Inc.

Back Button PCMP389L52 Datasheet HTML 7Page - World Produts Inc. PCMP389L52 Datasheet HTML 8Page - World Produts Inc. PCMP389L52 Datasheet HTML 9Page - World Produts Inc. PCMP389L52 Datasheet HTML 10Page - World Produts Inc. PCMP389L52 Datasheet HTML 11Page - World Produts Inc. PCMP389L52 Datasheet HTML 12Page - World Produts Inc. PCMP389L52 Datasheet HTML 13Page - World Produts Inc. PCMP389L52 Datasheet HTML 14Page - World Produts Inc. PCMP389L52 Datasheet HTML 15Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
163
STORAGE TEMPERATURE
.Storage temperature : Tstg = -25 to +40℃ with RH maximum 80% without condensation.
RATINGS AND CHARACTERISTICS
Unless otherwise specified all electrical values apply at an ambient temperature of 23±1℃, an atmospheric
pressure of 86 to 106 kPa and a relative humidity of 50±2%.
For reference testing a conditioning period shall be applied of 96±4 hours by heating the products in a
circulating air oven at the rated temperature and a relative humidity not exceeding 20%.
CHARACTERISTICS
Test Voltage
. Test Voltage ( between terminations ) : 1.6 x VRdc, 1min
. Test Voltage ( between leads and case ) : 2840 Vdc, 1min
Dissipation Factor
Tangent of loss angle ( x 10
-4 )
Rated voltage
Capacitance
1 kHz
10 kHz
100 kHz
250 V
0.047≤ C ≤ 0.12
0.12 < C ≤ 0.33
0.33 < C ≤ 0.56
0.56 < C ≤ 0.91
0.91 < C ≤ 1.5
1.5 < C ≤ 2.2
2.2 < C ≤ 3.9
5
5
5
5
6
6
6
5
8
10
10
10
10
15
30
40
50
60
80
100
135
400 V
0.022≤ C ≤ 0.075
0.075< C ≤ 0.39
0.39 < C ≤ 0.91
0.91 < C ≤ 1.5
1.5 < C ≤ 2.0
5
5
5
6
6
5
8
10
10
10
20
40
60
80
95
630 V
0.010≤ C ≤ 0.068
0.068 ㎌ < C ≤ 0.39 ㎌
0.39 < C ≤ 1.0
5
5
5
5
8
10
15
40
60


Similar Part No. - PCMP389L52

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
PCMP384D02 WPI-PCMP384D02 Datasheet
324Kb / 26P
   Small dimension for high density packaging
PCMP384D03 WPI-PCMP384D03 Datasheet
324Kb / 26P
   Small dimension for high density packaging
PCMP384D05 WPI-PCMP384D05 Datasheet
324Kb / 26P
   Small dimension for high density packaging
PCMP384D07 WPI-PCMP384D07 Datasheet
324Kb / 26P
   Small dimension for high density packaging
More results

Similar Description - PCMP389L52

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CPE LSTD-CPE Datasheet
125Kb / 2P
   Low dielectric loss
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
M/A-COM Technology Solu...
2023 MA-COM-2023 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
Anaren Microwave
1P503AS ANAREN-1P503AS Datasheet
713Kb / 10P
   Low Loss
logo
Laird Tech Smart Techno...
LOK LSTD-LOK Datasheet
134Kb / 2P
   Low dielectric constant
logo
EPCOS
B3521 EPCOS-B3521 Datasheet
72Kb / 6P
   Low Loss Filter
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
   LOW-LOSS FILTER
logo
EPCOS
B3677 EPCOS-B3677 Datasheet
103Kb / 7P
   Low-Loss Filter
B3574 EPCOS-B3574_1 Datasheet
78Kb / 6P
   Low Loss Filter
logo
Shenzhen Winsemi Microe...
WGW15G120W WINSEMI-WGW15G120W Datasheet
455Kb / 7P
   Low Loss IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com