Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2022DBZRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ2022DBZRG4
Description  1K-BIT SERLAL EPROM WITH SDQ INTERFACE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2022DBZRG4 Datasheet(HTML) 5 Page - Texas Instruments

  BQ2022DBZRG4 Datasheet HTML 1Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 2Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 3Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 4Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 5Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 6Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 7Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 8Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
bq2022
SLUS526B − OCTOBER 2002 − REVISED OCTOBER 2003
www.ti.com
5
Serial Communication
A host reads, programs, or checks the status of the bq2022 through the hierarchical command structure of the
SDQ interface. Figure 2 shows that the host must first issue a ROM command before the EPROM memory or
status can be read or modified. The ROM command either selects a specific device when multiple devices are
on the SDQ bus, or skips the selection process in single SDQ device applications.
Initialization
ROM Command Sequence
Memory/Status Command Sequence
Figure 2. General Command Sequence
Initialization
Initialization consists of two pulses, the RESET and the PRESENCE pulses. The host generates the RESET
pulse, while the bq2022 responds with the PRESENCE pulse. The host resets the bq2022 by driving the DATA
bus low for at least 480
µs. For more details, see the RESET section under SDQ Signaling.
ROM Commands
READ ROM
The READ ROM command sequence is the fastest sequence that allows the host to read the 8-bit family code
and 48-bit identification number. It is used if only one SDQ slave device is attached to the bus. The READ ROM
sequence starts with the host generating the RESET pulse of at least 480
µs. The bq2022 responds with a
PRESENCE pulse. Next, the host continues by issuing the READ ROM command, 33h, and then reads the
ROM and CRC byte using the READ signaling (see the READ and WRITE signals section) during the data
frame.
0
1
10
0
0
1
1
CRC (1 BYTE)
Reset
and
Presence
Signals
Read ROM (33h)
Family Code and Identification
Number (7 BYTES)
Figure 3. READ ROM Sequence
MATCH ROM
The MATCH ROM command, 55h, is used by the host to select a specific SDQ device when the family code
and identification number is known. The host issues the MATCH ROM command followed by the family code,
ROM number and the CRC byte. Only the device that matches the 64-bit ROM sequence is selected and
available to perform subsequent Memory/Status Function commands.
11
00
0
11
CRC (1 BYTE)
0
Reset
and
Presence
Signals
Match ROM (55h)
Family Code and Identification
Number (7 BYTES)
Figure 4. MATCH ROM Sequence
SEARCH ROM
The SEARCH ROM command, F0h, is used to obtain the 8-bit family code and the 48-bit identification number
and 8-bit CRC of any SDQ device when it is unknown. All devices on the bus are read under the SEARCH ROM
command with the use of a collision-detect and device-decode method. Figure 5 shows the SEARCH ROM
sequence started by the host, generating the RESET pulse of at least 480
µs. The bq2022 responds with a
PRESENCE pulse. The host then issues the command in the command frame by writing an F0h. During the
DATA READ of the SEARCH ROM sequence, each bit is transmitted three times. The bq2022 transmits the
bit followed by the complement of the bit. The host in turn retransmits the bit just read. Collision detection if


Similar Part No. - BQ2022DBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022DBZRG4 TI1-BQ2022DBZRG4 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
More results

Similar Description - BQ2022DBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A_17 Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI1-BQ2022_13 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
[Old version datasheet]   1.5K-Bit Serial EPROM With SDQ Interface
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
   4-Bit Micro-Controller With EPROM, 1K Word
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Texas Instruments
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com