Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJL24H380A Datasheet(PDF) 2 Page - New Japan Radio

Part # NJL24H380A
Description  INFRARED REMOTE CONTROL RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJL24H380A Datasheet(HTML) 2 Page - New Japan Radio

  NJL24H380A Datasheet HTML 1Page - New Japan Radio NJL24H380A Datasheet HTML 2Page - New Japan Radio NJL24H380A Datasheet HTML 3Page - New Japan Radio NJL24H380A Datasheet HTML 4Page - New Japan Radio NJL24H380A Datasheet HTML 5Page - New Japan Radio NJL24H380A Datasheet HTML 6Page - New Japan Radio NJL24H380A Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJL21H/21V/22H/23H/24H000A
IR TRANSMITTER
OUTPUT WAVE FORM
Carrier frequency is adjusted to
center frequency of each product
T
WL
WH
OUTPUT PULSE
OF DEVICE
V
H
L
600us
600us
T
V
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vcc
6.3
V
Operating Temperature Range
Topr
-30 to +85
°C
Storage Temperature Range
Tstg
-40 to +85
°C
Soldering Temperature
Tsol
260 (5sec. 4.0mm from mold body)
°C
RECOMMENDED OPERATING CONDITION
Supply Voltage Range
Vcc
2.7 V to 5.5V
ELECTRO-OPTICAL CHARACTERISTICS (Vcc=3.3V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Supply Current
Icc
No Signal Input
0.43
0.56
mA
Transmission Distance
Lc
Direction of Ray Axis *1
13
18
m
θL
Angle of half Lc, Horizontal *2 *3
45
deg
Directivity
θV
Angle of half Lc, Vertical *2 *3
30
deg
Output Voltage Low
VL
No Load
0.2
0.5
V
Output Voltage High
VH
No Load
2.8
V
Low Level Pulse Width
TwL
See Test Circuit
400
850
µs
High Level Pulse Width
TwH
See Test Circuit
350
800
µs
Center carrier Frequency
fo
See Line-up
*3
kHz
Note *1:Test with each center carrier frequency under the test condition shown below.
*2:Place major axis of elliptic lens in horizontal direction and minor vertical.
*3:Four types of frequency :36.0, 36.7, 38.0, 40.0KHz
TEST METHOD
Test condition is as follows:
(1) Standard transmitter:
Transmitting waveform is shown in Fig.1
Transmitting power should be adjusted
so that output voltage Vout will be
400mVp-p.(Test circuit is shown in Fig.2)
Regarding IR LED used for transmitter,
λp=940nm, ∆λ=50nm.
Regarding photo diode,
Sensitivity
S=26nA/Lx
in case light source temperature2856
°K,
Ee=100Lx, VR=5V
Fig.1 TRANSMITTER WAVE FORM


Similar Part No. - NJL24H380A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJL21193DG ONSEMI-NJL21193DG Datasheet
86Kb / 8P
   Complementary ThermalTrak Transistors
January, 2006 ??Rev. 0
NJL21194DG ONSEMI-NJL21194DG Datasheet
86Kb / 8P
   Complementary ThermalTrak Transistors
January, 2006 ??Rev. 0
More results

Similar Description - NJL24H380A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
   INFRARED REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
logo
New Japan Radio
NJL61V360A NJRC-NJL61V360A Datasheet
223Kb / 6P
   INFRARED REMOTE CONTROL RECEIVER
NJL31H360A NJRC-NJL31H360A Datasheet
143Kb / 7P
   INFRARED REMOTE CONTROL RECEIVER
logo
STMicroelectronics
TDA8160 STMICROELECTRONICS-TDA8160 Datasheet
51Kb / 4P
   INFRARED REMOTE CONTROL RECEIVER
logo
Silan Microelectronics ...
SC9150A SILAN-SC9150A Datasheet
155Kb / 13P
   INFRARED REMOTE CONTROL RECEIVER
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com