Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9283 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9283
Description  3V A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9283 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9283 Datasheet HTML 3Page - Analog Devices AD9283 Datasheet HTML 4Page - Analog Devices AD9283 Datasheet HTML 5Page - Analog Devices AD9283 Datasheet HTML 6Page - Analog Devices AD9283 Datasheet HTML 7Page - Analog Devices AD9283 Datasheet HTML 8Page - Analog Devices AD9283 Datasheet HTML 9Page - Analog Devices AD9283 Datasheet HTML 10Page - Analog Devices AD9283 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AD9283
–6–
REV. C
FREQUENCY
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
ENCODE = 100MSPS
AIN = 10.3MHz
SNR = 46.5dB
SINAD = 45dB
2nd = 57dBc
3rd = 54.5dBc
TPC 1. Spectrum: fS = 100 MSPS, fIN = 10.3 MHz
FREQUENCY
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
ENCODE = 100MSPS
AIN = 41MHz
SNR = 46.5dB
SINAD = 45dB
2nd = 58dBc
3rd = 52.5dBc
TPC 2. Spectrum: fS = 100 MSPS, fIN = 40 MHz
FREQUENCY
0
–90
ENCODE = 100MSPS
AIN = 76MHz
SNR = 46dB
SINAD = 42.5dB
2nd = 46dBc
3rd = 53dBc
–80
–70
–60
–50
–40
–30
–20
–10
TPC 3. Spectrum: fS = 100 MSPS, fIN = 76 MHz
FREQUENCY – AIN
10
20
30
40
50
60
80
100
70
65
45
40
30
55
50
60
2ND
3RD
35
ENCODE = 100MSPS
TPC 4. Harmonic Distortion vs. AIN Frequency
FREQUENCY
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
ENCODE = 100MSPS
AIN1 = 9MHz
AIN2 = 10MHz
IMD = 52dBc
TPC 5. Two-Tone Intermodulation Distortion
FREQUENCY
10
20
30
40
50
60
80
90
55
45
40
35
30
50
100
SNR
SINAD
ENCODE = 100MSPS
TPC 6. SINAD/SNR vs. AIN Frequency
– Typical Performance Characteristics


Similar Part No. - AD9283

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283 AD-AD9283 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283/PCB AD-AD9283/PCB Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRS-100 AD-AD9283BRS-100 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRS-100 AD-AD9283BRS-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
More results

Similar Description - AD9283

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215_17 Datasheet
1,012Kb / 37P
   3V A/D Converter
AD9235 AD-AD9235_17 Datasheet
833Kb / 41P
   3V A/D Converter
AD9214 AD-AD9214_17 Datasheet
479Kb / 21P
   3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com