Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9240 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9240
Description  Monolithic A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9240 Datasheet HTML 2Page - Analog Devices AD9240 Datasheet HTML 3Page - Analog Devices AD9240 Datasheet HTML 4Page - Analog Devices AD9240 Datasheet HTML 5Page - Analog Devices AD9240 Datasheet HTML 6Page - Analog Devices AD9240 Datasheet HTML 7Page - Analog Devices AD9240 Datasheet HTML 8Page - Analog Devices AD9240 Datasheet HTML 9Page - Analog Devices AD9240 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AD9240
REV.
–5–
OVERVOLTAGE RECOVERY TIME
Overvoltage recovery time is defined as that amount of time
required for the ADC to achieve a specified accuracy after an
overvoltage (50% greater than full-scale range), measured from
the time the overvoltage signal reenters the converter’s range.
TEMPERATURE DRIFT
The temperature drift for zero error and gain error specifies the
maximum change from the initial (+25
°C) value to the value at
TMIN or TMAX.
POWER SUPPLY REJECTION
The specification shows the maximum change in full scale from
the value with the supply at the minimum limit to the value
with the supply at its maximum limit.
APERTURE JITTER
Aperture jitter is the variation in aperture delay for successive
samples and is manifested as noise on the input to the A/D.
APERTURE DELAY
Aperture delay is a measure of the sample-and-hold amplifier
(SHA) performance and is measured from the rising edge of the
clock input to when the input signal is held for conversion.
SIGNAL-TO-NOISE AND DISTORTION (S/N+D, SINAD)
RATIO
S/N+D is the ratio of the rms value of the measured input sig-
nal to the rms sum of all other spectral components below the
Nyquist frequency, including harmonics but excluding dc.
The value for S/N+D is expressed in decibels.
EFFECTIVE NUMBER OF BITS (ENOB)
For a sine wave, SINAD can be expressed in terms of the num-
ber of bits. Using the following formula,
N = (SINAD – 1.76)/6.02
it is possible to get a measure of performance expressed as N,
the effective number of bits.
Thus, an effective number of bits for a device for sine wave
inputs at a given input frequency can be calculated directly
from its measured SINAD.
TOTAL HARMONIC DISTORTION (THD)
THD is the ratio of the rms sum of the first six harmonic
components to the rms value of the measured input signal and
is expressed as a percentage or in decibels.
SIGNAL-TO-NOISE RATIO (SNR)
SNR is the ratio of the rms value of the measured input signal
to the rms sum of all other spectral components below the
Nyquist frequency, excluding the first six harmonics and dc.
The value for SNR is expressed in decibels.
SPURIOUS FREE DYNAMIC RANGE (SFDR)
SFDR is the difference in dB between the rms amplitude of the
input signal and the peak spurious signal.
TWO-TONE SFDR
The ratio of the rms value of either input tone to the rms value
of the peak spurious component. The peak spurious component
may or may not be an IMD product. Two-tone SFDR may be
reported in dBc (i.e., degrades as signal level is lowered), or in
dBFS (always related back to converter full scale).
PIN FUNCTION DESCRIPTIONS
Pin
Number
Name
Description
1
DVSS
Digital Ground
2, 29
AVSS
Analog Ground
3
DVDD
+5 V Digital Supply
4, 28
AVDD
+5 V Analog Supply
5
DRVSS
Digital Output Driver Ground
6
DRVDD
Digital Output Driver Supply
7
CLK
Clock Input Pin
8–10
NC
No Connect
11
BIT 14
Least Significant Data Bit (LSB)
12–23
BIT 13–BIT 2
Data Output Bits
24
BIT 1
Most Significant Data Bit (MSB)
25
OTR
Out of Range
26, 27, 30
NC
No Connect
31
SENSE
Reference Select
32
VREF
Reference I/O
33
REFCOM
Reference Common
34, 38, 40,
43, 44
NC
No Connect
35
BIAS*
Power/Speed Programming
36
CAPB
Noise Reduction Pin
37
CAPT
Noise Reduction Pin
39
CML
Common-Mode Level (Midsupply)
41
VINA
Analog Input Pin (+)
42
VINB
Analog Input Pin (–)
*See Speed/Power Programmability section.
DEFINITIONS OF SPECIFICATION
INTEGRAL NONLINEARITY (INL)
INL refers to the deviation of each individual code from a line
drawn from “negative full scale” through “positive full scale.”
The point used as “negative full scale” occurs 1/2 LSB before
the first code transition. “Positive full scale” is defined as a
level 1 1/2 LSB beyond the last code transition. The deviation
is measured from the middle of each particular code to the true
straight line.
DIFFERENTIAL NONLINEARITY (DNL, NO MISSING
CODES)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Guaranteed
no missing codes to 14-bit resolution indicates that all 16384
codes, respectively, must be present over all operating ranges.
ZERO ERROR
The major carry transition should occur for an analog value
1/2 LSB below VINA = VINB. Zero error is defined as the
deviation of the actual transition from that point.
GAIN ERROR
The first code transition should occur at an analog value 1/2 LSB
above negative full scale. The last transition should occur at an
analog value 1 1/2 LSB below the nominal full scale. Gain error
is the deviation of the actual difference between first and last
code transitions and the ideal difference between first and last
code transitions.
B


Similar Part No. - AD9240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240 AD-AD9240 Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240-EB AD-AD9240-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9240AS AD-AD9240AS Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240AS AD-AD9240AS Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
More results

Similar Description - AD9240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9225 AD-AD9225_17 Datasheet
988Kb / 26P
   Monolithic A/D Converter
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD773 AD-AD773_15 Datasheet
4Mb / 16P
   10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD561 AD-AD561_17 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com