Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

421D-26 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # 421D-26
Description  MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

421D-26 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  421D-26 Datasheet HTML 1Page - Willow Technologies Ltd 421D-26 Datasheet HTML 2Page - Willow Technologies Ltd 421D-26 Datasheet HTML 3Page - Willow Technologies Ltd 421D-26 Datasheet HTML 4Page - Willow Technologies Ltd 421D-26 Datasheet HTML 5Page - Willow Technologies Ltd 421D-26 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
421 Page 3
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
©2005 TELEDYNE RELAYS
www.teledynerelays.com
421/1205/Q1
9
8
7
6
4
2
1
DIMENSIONS ARE SHOWN IN INCHES (MILLIMETERS)
.370
(9.40)
DIA. MAX.
.335
(8.51)
DIA. MAX.
.280 (7.11) MAX.
+.002 (.05)
.017 (.43) –.001 (.03) DIA.
WIRE LEAD: .75 (19.05) MIN.
PIN: .187 (4.75) ±.010 (.25)
(See Note 6)
TERMINAL LOCATIONS AND PIN NUMBERING (REF. ONLY)
(Viewed from Terminals)
.035 (.89)
±.010 (0.25)
.031 (.79)
±.003 (0.08)
36° ±3°
TYP.
.200 (5.08)
±.010 (.25) DIA.
CASE DETAIL
OUTLINE DIMENSIONS
GENERAL NOTES
1. Relay contacts will exhibit no chatter in excess of 10 µsec or transfer in excess of 1
µsec.
2. “Typical” characteristics are based on available data and are best estimates. No
on-going verification tests are performed.
3. Unless otherwise specified, parameters are initial values.
4. For reference only. Coil resistance not directly measurable at relay terminals due to
internal series diode, 421DD only.
5. Unless otherwise specified, relays will be supplied with either gold-plated or solder-
coated leads.
6. The slash and characters appearing after the slash are not marked on the relay.
7. Screened HI-REL versions available. Contact factory.
8.
COIL A
COIL B
421
COIL A
COIL B
421D
COIL A
COIL B
421DD
SCHEMATICS ARE VIEWED FROM TERMINALS
COIL A LAST ENERGIZED
SCHEMATIC DIAGRAMS
Teledyne Part Numbering System for
T2R® Established Reliability Relay
ER 421 X M3 - 26 A / S Q
Established Reliability
Designator
Pad Option
(See Appendix)
Relay Series
Optional Ground Pin
(See Appendix)
Q= Solder Coated Leads
G= Gold Plated Leads
(Notes 5 and 6)
S= 0.187" leads
(Note 6)
Coil Voltage
Screening and Reliability
Level
Teledyne Part Numbering System for Military Qualified (JAN) Relays
JAN part number example is for reference only. Actual part number may not exist.
J
421 X
M - 26 P
L
Military (JAN)
Designator
Pad Option
(See Appendix)
Relay Series
Optional Ground Pin
(See Appendix)
Terminal Variant
P = 0.187"
Coil Voltage
Screening and Reliability
Level
SERIES 421


Similar Part No. - 421D-26

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
421 DBLECTRO-421 Datasheet
333Kb / 1P
   421 LED board-to-board connector
logo
GS Yuasa Battery Sales ...
421 GSYUASABATTERY-421 Datasheet
226Kb / 1P
   Capacity (20-hour) 56Ah
logo
List of Unclassifed Man...
421-017-520-102 ETC2-421-017-520-102 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
421-017-520-102 EDAC-421-017-520-102 Datasheet
104Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-017-520-102 EDAC-421-017-520-102 Datasheet
244Kb / 2P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
More results

Similar Description - 421D-26

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J422-6PM TELEDYNE-J422-6PM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
List of Unclassifed Man...
J422D-18PL ETC2-J422D-18PL Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J421-6PL TELEDYNE-J421-6PL Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J422-26WM TELEDYNE-J422-26WM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J420-5L TELEDYNE-J420-5L Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J421D-26M TELEDYNE-J421D-26M Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com