Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

411DD-12 Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # 411DD-12
Description  ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

411DD-12 Datasheet(HTML) 4 Page - Willow Technologies Ltd

  411DD-12 Datasheet HTML 1Page - Willow Technologies Ltd 411DD-12 Datasheet HTML 2Page - Willow Technologies Ltd 411DD-12 Datasheet HTML 3Page - Willow Technologies Ltd 411DD-12 Datasheet HTML 4Page - Willow Technologies Ltd 411DD-12 Datasheet HTML 5Page - Willow Technologies Ltd 411DD-12 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pad designation and
bottom view dimensions
Height
For use with the following:
Dim. H
Max.
“M4” Pad for TO-5
ER411T
ER412, ER412D, ER412DD
.295 (7.49)
712, 712D, 712TN,
RF300, RF310, RF320
.300 (7.62)
ER420, ER422D, ER420DD, 421,
ER421D, ER421DD, ER422, ER422D,
ER422DD, 722, 722D, RF341
.305 (7.75)
ER431T, ER432T,
ER432, ER432D, ER432DD
.400 (10.16)
732, 732D, 732TN, RF303, RF313,
RF323
.410 (10.41)
RF312
.350 (8.89)
“M4” Pad for TO-5
ER411, ER411D, ER411DD
.295 (7.49)
ER431, ER431D, ER431DD
.400 (10.16)
RF311
.300 (7.62)
RF331
.410 (10.41)
“M4” Pad for Centigrid®
172, 172D
.305 (7.75)
ER114, ER114D, ER114DD,
J114, J114D, J114DD
.300 (7.62)
ER134, ER134D, ER134DD,
J134, J134D, J134DD
.400 (10.16)
RF100
.315 (8.00)
RF103
.420 (10.67)
“M9” Pad for Centigrid®
122C, A152
.320 (8.13)
ER116C, J116C
.300 (7.62)
ER136C, J136C
.400 (10.16)
RF180
.325 (8.25)
A150
.305 (7.75)
Notes:
1. Spacer pad material: Polyester ¿lm.
2. To specify an “M4” or “M9” spacer pad, refer to the mounting variants portion of the part numbering
example in the applicable datasheet.
3. Dimensions are in inches (mm).
4. Unless otherwise speci¿ed, tolerance is ± .010 (.25).
5. Add 10 m
to the contact resistance show in the datasheet.
6. Add 0.01 oz. (0.25 g) to the weight of the relay assembly shown in the datasheet.
Ø.150
[3.81]
(REF)
Dim
H
MAX
Dim
H
MAX
Dim
H
MAX
.156
[3.96]
(REF)
.256
[6.5]
(REF)
Dim
H
MAX
Appendix A: Spacer Pads
© 2008 Teledyne Relays
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - 411DD-12

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
411 GAMEWELL-FCI-411 Datasheet
175Kb / 4P
   Slave Digital Alarm Communicator Transmitter
logo
3M Electronics
411 3M-411 Datasheet
53Kb / 2P
   Detectable Buried Barricade Tapes 400 Series
logo
Marathon Special Produc...
411 MARATHON-411 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Marl International Limi...
411-000-22-50 MARL-411-000-22-50 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
logo
HellermannTyton.
411-1-G HELLERMANNTYTON-411-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 411DD-12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
431 WILLOW-431 Datasheet
143Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-6WM TELEDYNE-J412D-6WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com