Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

603-4 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # 603-4
Description  2A and 5A/50Vdc and 5A/250 Vdc DC Solid-State Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

603-4 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  603-4 Datasheet HTML 1Page - Willow Technologies Ltd 603-4 Datasheet HTML 2Page - Willow Technologies Ltd 603-4 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2002 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
603 9
603\072002\Q1
2A and 5A/50Vdc and 5A/250 Vdc
DC Solid-State Relays
FEATURES
• Fast Switching Speed: Where speed is important
• Floating Output: Eliminates ground loops and
signal-level ground noise.
• Low Off-State Leakage Current: High offstate
impedance
• High Dielectric Strength: For safety and
protection of signal-level circuits.
DESCRIPTION
The 603-1 and 603-2 optically coupled solid-state
relays are rated at 2 Adc and 5 Adc at 50 Vdc,
and are available with TTL compatible inputs.
Packages
are
available
in
three
different
configurations with a choice of screw terminals,
quick disconnect terminals or through hole solder
pins. This allows for maximum flexibility for
mounting onto printed circuit boards, panels, or
heat sink mounting with optimal mechanical and
thermal considerations.
The 603-3 and 603-4 relays were designed
specifically for high-voltage loads up to 5A at 250
Vdc. They utilize a Teledyne transformer coupled
driver/isolator to provide high input/output isolation
and low offstate leakage. The adaptive package
design offers a choice of screw or quick
disconnect terminals for chassis, panel, or heat
sink mounting, and solder pins for direct mounting
on PC boards.
Series 603
Part Number
Description
603-1
2A, 50Vdc optically isolated
solid-state relay
603-2
5A, 50Vdc optically isolated
solid-state relay
603-3
5A, 250Vdc high-voltage, transformer
isolated solid-state relay
603-4
5A, 250Vdc high-voltage, transformer
isolated solid-state relay
MECHANICAL SPECIFICATION
Figure 1 – 603 relays; dimensions in inches (mm)
Weight: 3 oz. (85.05g)
Tolerances ± 0.015 (0.38) unless otherwise specified
0.110
# 6 Binder
HD Screw
0.87
(22.10)
2.02
MAX.
0.60
(15.24)
0.60
(15.24)
0.60
(15.24)
0.90
(22.86)
0.06 (1.52) MAX.
(2.79) DIA.
0.750
(19.05)
1.500
(3810)
0.375
(9.52)
MIN.
0.032
(0.81) DIA.
Antirotation Boss On Vertical Center Line
1.25 (31.75)
MAX.
1.680 (42.67)
1.740 (44.20)
0.031 (0.79)
1.00 (25.40)
0.25 (6.35) TY P.
0.250 (6.35)
Quick
Disconnect
Terminal
Mtg. Hole
# 6 Screw
WIRING DIAGRAM
Figure 2
+
+
* Input and output polarity must be observed.
Inductive loads must be diode suppressed.
*


Similar Part No. - 603-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
603-4 ETC2-603-4 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Teledyne Technologies I...
603-4 TELEDYNE-603-4 Datasheet
518Kb / 3P
   2A and 5A/50Vdc and 5A/250 Vdc
logo
Renesas Technology Corp
603-40-48 RENESAS-603-40-48 Datasheet
266Kb / 3P
   40MHz 3.2 x 2.5mm Reference Crystal
2019
603-40-48JA4I RENESAS-603-40-48JA4I Datasheet
266Kb / 3P
   40MHz 3.2 x 2.5mm Reference Crystal
2019
603-40-48JA4I8 RENESAS-603-40-48JA4I8 Datasheet
266Kb / 3P
   40MHz 3.2 x 2.5mm Reference Crystal
2019
More results

Similar Description - 603-4

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
603-1 TELEDYNE-603-1 Datasheet
518Kb / 3P
   2A and 5A/50Vdc and 5A/250 Vdc
logo
List of Unclassifed Man...
RS3-1D40-21 ETC2-RS3-1D40-21 Datasheet
923Kb / 1P
   Panel Mount, Heavy Duty, SPST?묿O, Solid State AC and DC Power Relays, Solid State AC and DC Power Relays
logo
Tyco Electronics
TS5-1Y MACOM-TS5-1Y Datasheet
79Kb / 2P
   DC SOLID STATE RELAYS
logo
Micropac Industries
53258 MICROPAC-53258 Datasheet
118Kb / 4P
   RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY
logo
NHP Electrical Engineer...
TAIBB2505A NHP-TAIBB2505A Datasheet
1Mb / 3P
   CT SOLID CORE 250/5A 21mm 5VA CL0.5
24 December 2022,
logo
Panasonic Semiconductor
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
logo
Crydom Inc.,
EL100D5-05 CRYDOM-EL100D5-05 Datasheet
704Kb / 5P
   Ratings of 5A and 10A 3-100 VDC
logo
Schneider Electric
70S2-02-A-05-S SCHNEIDER-70S2-02-A-05-S Datasheet
144Kb / 3P
   Relay, SE Relays, solid state, SPST, 5A, 3??0 VDC, 9??0 VDC Uc, MOSFET, panel mount, screw terminal
70S2-01-A-05-S SCHNEIDER-70S2-01-A-05-S Datasheet
138Kb / 3P
   Relay, SE Relays, solid state, SPST, 5A, 3??0 VDC, 3??5 VDC Uc, MOSFET, panel mount, screw terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com