Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

602-1Y Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # 602-1Y
Description  10A, 250Vac Optically Isolated AC Solid-State Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

602-1Y Datasheet(HTML) 1 Page - Willow Technologies Ltd

  602-1Y Datasheet HTML 1Page - Willow Technologies Ltd 602-1Y Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
602 82
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2002 TELEDYNE RELAYS
602\072002\Q1
10A, 250Vac Optically Isolated
AC Solid-State Relay
FEATURES
• Available to DESC drawing
86031-001
• Optical isolation
• Low minimum output current
• Extremely low EMI
• Zero voltage turn-on
• Zero current turn-off
• Logic compatible input
• Available to Y screening levels
of MIL-PRF-28750
DESCRIPTION
The 602-1 is an AC output solid-
state relay designed for power
switching. The relay incorporates a
hermetically
sealed,
optically
coupled solid state relay as a
driver. This driver provides zero
voltage turn-on as well as a logic
compatible control circuit. The
relay output is rated for 10A at
250Vac and switches the load with
a hermetically sealed triac. A built-
in snubber circuit provides reliable
switching of both resistive and
reactive loads with power factors
as
low
as
0.2.
The
internal
components are potted with a
thermally conductive epoxy, which
provides an environmental seal for
severe environmental conditions
encountered
in
military
and
aerospace applications. The 602-1
is available in W and Y screening
levels. The 602-1Y is available to
DESC drawing 86031-001.
Series 602
Part*
DESC Drawing
Relay Description
Number
Number
602-1W
10 A, 250 VAC AC Solid State Relay
602-1Y
86031-001
10 A, 250 VAC AC Solid State Relay
* The Y suffix denotes parameters tested to MIL-PRF-28750 test methods.
The W suffix denotes parameters tested to Teledyne specifications.
ELECTRICAL SPECIFICATIONS
(-55°C TO +95°C UNLESS OTHERWISE SPECIFIED)
INPUT (CONTROL) CHARACTERISTICS
Min
Typ
Max Units
Input Current (See Figure 1)
V
IN = 5 Vdc
15
mA dc
V
IN=32 Vdc
16
mA dc
Turn-Off Voltage (Guaranteed Off)
1.0
Vdc
Turn-On Voltage (Guaranteed On)
3.8
Vdc
Reverse Voltage Protection
-32
Vdc
Input Voltage Range
3.8
32
Vdc
OUTPUT (LOAD) SPECIFICATIONS
Min
Typ
Max Units
Output Current Range (See Figure 3)
0.1
10
Amps
Output voltage Rating
25
250
Vac
Frequency Range
45
440
Hz
Output Voltage Drop @ 10 Amp (See Figure 2)
1.5
Vrms
Off-State Leakage Current
8.0
mA
(250 Vac, 400 Hz)
Turn-On Time
1/2
Cycle
Turn-Off Time
1
Cycle
Transient Voltage (20 msec)
+460
V pk
Overload Current (16.6 msec)
100
Amps
Zero Voltage Turn-On Point
+15
Vpk
dv/dt @ 25oC (See Note 4)
200
V/µs
Load Power Factor
0.2
Insulation Resistance @ 500 Vdc
109
Ohm
Input to Output Capacitance
15
pF
WIRING DIAGRAM


Similar Part No. - 602-1Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
602-15 ETC2-602-15 Datasheet
483Kb / 4P
   Waber-by-Tripp Lite 5-outlet Power Strip with 15-ft. Cord
More results

Similar Description - 602-1Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
LD00KM TELEDYNE-LD00KM Datasheet
568Kb / 3P
   10A, 270Vdc, Optically Isolated NEW Silicon Carbide, DC Solid-State Relay
06/2023
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
   SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Littelfuse
SIR LITTELFUSE-SIR Datasheet
295Kb / 2P
   Solid-State Relay - Isolated
2016 Rev: 1-A-062716
logo
Micropac Industries
53255 MICROPAC-53255 Datasheet
113Kb / 4P
   400VDC - 10A SOLID STATE RELAY
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
   2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Micropac Industries
53254 MICROPAC-53254 Datasheet
145Kb / 4P
   40VDC - 10A SOLID STATE RELAY
logo
Teledyne Technologies I...
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
   AC Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com