Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

421-5 Datasheet(PDF) 5 Page - Willow Technologies Ltd

Part # 421-5
Description  MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

421-5 Datasheet(HTML) 5 Page - Willow Technologies Ltd

  421-5 Datasheet HTML 1Page - Willow Technologies Ltd 421-5 Datasheet HTML 2Page - Willow Technologies Ltd 421-5 Datasheet HTML 3Page - Willow Technologies Ltd 421-5 Datasheet HTML 4Page - Willow Technologies Ltd 421-5 Datasheet HTML 5Page - Willow Technologies Ltd 421-5 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Pad designation and
bottom view dimensions
Height
For use with the following:
Dim. H
Max.
“M” Pad 5/ 6/
ER411T, J411T, ER412, ER412D
ER412DD, J412, J412D, J412DD
ER412T, J412T
.388 (9.86)
712, 712D, 712TN
.393 (9.99)
ER431T, J431T, ER432, ER432D
ER432DD, J432, J432D, J432DD
ER432T, J432T
.493 (12.52)
732, 732D, 732TN
.503 (12.78)
ER420, J420, ER420D, J420D
ER420DD, J420DD, ER421, J421
ER421D, J421D, ER421DD
J422D, ER422DD, J422DD, 722
.398 (10.11)
“M ” Pad 7/ 8/
ER411T
ER412, ER412D, ER412DD
J412, J412D, J412DD
.441 (11.20)
712, 712D
.451 (11.46)
ER421, ER421D, ER421DD
722, 732D
.451 (11.46)
ER431T
ER432, ER432D, ER432DD
.546 (13.87)
732, 732D
.556 (14.12)
“M ” Pad 5/ 6/ 9/
ER411, ER411D, ER411DD
ER411TX
ER412X, ER412DX, ER412DDX
ER412TX
.388 (9.86)
712X, 712DX, 712TNX
.393 (9.99)
ER420X, ER420DX, ER420DDX
ER421X, ER421DX, ER421DDX
ER422X, ER422DX
ER422DDX, 722X, 722DDX
.398 (10.11)
ER431, ER431D, ER431DD
ER431TX
ER432X, ER432DX, ER432DDX
ER432TX
.493 (12.52)
732X, 732DX, 732TNX
.503 (12.78)
Notes:
1. Spreader pad material: Diallyl Phthalate.
2. To specify an “M”, “M2” or “M3” spreader pad, refer to the mounting variants portion of the part number example
in the applicable datasheet.
3. Dimensions are in inches (mm).
4. Unless otherwise specified, tolerance is ± .010” (0.25).
5/. Add 25 mΩ to the contact resistance shown in the datasheet.
6/. Add .01 oz. (0.25 g) to the weight of the relay assembly shown in the datasheet.
7/. Add 50 mΩ to the contact resistance shown in the datasheet.
8/. Add 0.025 oz (0.71 g) to the weight of the relay assembly shown in the datasheet.
9/. M3 pad to be used only when the relay has a center pin (e.g. ER411M3-12A, 722XM3-26.)
.370 [9.4]
MAX SQ
.150
[3.81]
.100
[2.54]
.200
[5.08]
.300
[7.62]
.100
[2.54]
Dim
H
MAX
.370
[9.4]
MIN
.014
[0.36]
(REF)
.390 [9.91]
SQ
.300
[7.62]
.100
[2.54]
.300
[7.62]
.100
[2.54]
.150
[3.81]
.150
[3.81]
.130
[3.3]
Dim
H
MAX
.370 [9.4]
MAX SQ
.150
[3.81]
.100
[2.54]
.200
[5.08]
.300
[7.62]
.100
[2.54]
Dim
H
MAX
.370
[9.4]
MIN
.014
[0.36]
(REF)
Appendix A: Spreader Pads
(800) 284-7007 • www.teledynerelays.com
+44 (0) 1236 453124 • www.teledyne-europe.com
© 2008 Teledyne Relays


Similar Part No. - 421-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
421-017-520-102 ETC2-421-017-520-102 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
421-017-520-102 EDAC-421-017-520-102 Datasheet
104Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-017-520-102 EDAC-421-017-520-102 Datasheet
244Kb / 2P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-017-521-102 EDAC-421-017-521-102 Datasheet
104Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-017-521-102 EDAC-421-017-521-102 Datasheet
244Kb / 2P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
More results

Similar Description - 421-5

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J422-6PM TELEDYNE-J422-6PM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
List of Unclassifed Man...
J422D-18PL ETC2-J422D-18PL Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J421-6PL TELEDYNE-J421-6PL Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J422-26WM TELEDYNE-J422-26WM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J420-5L TELEDYNE-J420-5L Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J421D-26M TELEDYNE-J421D-26M Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com