Electronic Components Datasheet Search |
|
UB216SKG035C-3JD Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
UB216SKG035C-3JD Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
6 / 12 page Series UB2 Low Profile Pushbuttons D97 D www.nkkswitches.com BRIGHT LED & CAPS The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and requires an external power source. Polarity marks are on the bottom of the switch. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. The LED is an integral part of the switch and not available separately. JB JC JD JF 1 B JB JC JD JF C D F Material: Polycarbonate Finish: Glossy 2 3 AT3075 Beveled Clear/White Clear/Amber Clear/Red Clear/Green Clear/White Clear/Amber Clear/Green Clear/Red White Amber Green Red Clear Lens Translucent Colored Diffuser Translucent Colored Cap Clear Lens Translucent Colored Diffuser Lens/Diffuser Colors Available: Cap Colors Available: Lens/Diffuser Colors Available: (5.6) .220 (15.0) Sq .591 (5.6) .220 (15.0) Sq .591 (6.1) .240 (15.0) Sq .591 AT3074 Sculptured AT3076 Flat (+) (-) Bright Single Color LED with 1 element Electrical Specifications for Bright LED Color Red Amber Green Unit Maximum Forward Current I FM 30 30 25 mA Typical Forward Current I F 20 20 20 mA Forward Voltage V F 1.85 2.0 2.1 V Maximum Reverse Voltage V RM 5 5 5 V Current Reduction Rate Above 25°C ∆I F 0.40 0.42 0.46 mA/°C Ambient Temperature Range –25° ~ +50° °C 5C 5D 5F Caps for Bright LED |
Similar Part No. - UB216SKG035C-3JD |
|
Similar Description - UB216SKG035C-3JD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |