Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPD2195SQ Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # QPD2195SQ
Description  400 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD2195SQ Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button QPD2195SQ Datasheet HTML 4Page - TriQuint Semiconductor QPD2195SQ Datasheet HTML 5Page - TriQuint Semiconductor QPD2195SQ Datasheet HTML 6Page - TriQuint Semiconductor QPD2195SQ Datasheet HTML 7Page - TriQuint Semiconductor QPD2195SQ Datasheet HTML 8Page - TriQuint Semiconductor QPD2195SQ Datasheet HTML 9Page - TriQuint Semiconductor QPD2195SQ Datasheet HTML 10Page - TriQuint Semiconductor QPD2195SQ Datasheet HTML 11Page - TriQuint Semiconductor QPD2195SQ Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
QPD2195
400 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
Doherty
Rev. A
- 8 of 12 -
www.qorvo.com
Load Pull Plots
Test conditions unless otherwise noted: VD = +48 V, IDQ = 720 mA, T = 25°C, Pulsed (10% duty cycle, 100 µs width)


Similar Part No. - QPD2195SQ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194PCB4B01 TRIQUINT-QPD2194PCB4B01 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194S2 TRIQUINT-QPD2194S2 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194SQ TRIQUINT-QPD2194SQ Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194SR TRIQUINT-QPD2194SR Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
More results

Similar Description - QPD2195SQ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
logo
Qorvo, Inc
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
   35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
QPD1881L QORVO-QPD1881L Datasheet
1Mb / 18P
   400 W, 50 V, 2.7 ??2.9 GHz, GaN RF Power Transistor
QPD0030 QORVO-QPD0030 Datasheet
1Mb / 12P
   45 W, 48 V, DC to 5 GHz, GaN RF Power Transistor
October 7, 2019
QPD0050 QORVO-QPD0050 Datasheet
916Kb / 12P
   75 W, 48 V, DC to 3.6 GHz, GaN RF Power Transistor
February 2020
logo
M/A-COM Technology Solu...
NPT2022 MA-COM-NPT2022_14 Datasheet
1Mb / 11P
   GaN Wideband Transistor 48 V, 100 W
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
   GaN Wideband Transistor 48 V, 50 W
logo
TriQuint Semiconductor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
   DC ??6 GHz 18 W GaN RF Power Transistor
logo
NXP Semiconductors
A2G22S160-01SR3 NXP-A2G22S160-01SR3 Datasheet
761Kb / 18P
   1800–2200 MHz, 32 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 01/2022
logo
TriQuint Semiconductor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3_15 Datasheet
487Kb / 15P
   DC 6 GHz 18 W GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com