Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5706 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
Download  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 3Page - Texas Instruments AM5706 Datasheet HTML 4Page - Texas Instruments AM5706 Datasheet HTML 5Page - Texas Instruments AM5706 Datasheet HTML 6Page - Texas Instruments AM5706 Datasheet HTML 7Page - Texas Instruments AM5706 Datasheet HTML 8Page - Texas Instruments AM5706 Datasheet HTML 9Page - Texas Instruments AM5706 Datasheet HTML 10Page - Texas Instruments AM5706 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 388 page
background image
7
AM5706, AM5708
www.ti.com
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
FEATURES
Device
AM5708
AM5706
Camera Adaptation Layer (CAL) Camera Serial Interface 2 (CSI2)
CSI2_0
1 CLK + 2 Data
CSI2_1
Not Supported(1)
Multichannel Audio Serial Port (McASP)
McASP1
16 serializers
McASP2
16 serializers
McASP3
4 serializers
McASP4
4 serializers
McASP5
4 serializers
McASP6
4 serializers
McASP7
4 serializers
McASP8
2 serializers
MultiMedia Card/Secure Digital/Secure Digital Input Output Interface
(MMC/SD/SDIO)
MMC1
1x UHSI 4b
MMC2
1x eMMC 8b
MMC3
1x SDIO 8b
MMC4
1x SDIO 4b
PCI Express 3.0 Port with Integrated PHY
PCIe_SS1
Up to two lanes (second lane shared with
PCIe_SS2 and USB1)
PCIe_SS2
Single lane (shared with PCIe_SS1 and
USB1)
2x Programmable Real-Time Unit Subsystem and Industrial
Communication Subsystem (PRU-ICSS)
PRU-ICSS1
Yes
PRU-ICSS2
Yes
Serial Advanced Technology Attachment (SATA)
SATA
Not Supported(1)
Real-Time Clock Subsystem (RTCSS)
RTCSS
Not Supported(1)
Multichannel Serial Peripheral Interface (McSPI)
McSPI
4
HDQ1W
HDQ1W
Yes
Quad SPI (QSPI)
QSPI
Yes
Spinlock Module
SPINLOCK
Yes
Keyboard Controller (KBD)
KBD
Yes
Timers, General-Purpose
TIMERS GP
16
Timer, Watchdog
WD TIMER
Yes
Pulse-Width Modulation Subsystem (PWMSS)
PWMSS1
Yes
PWMSS2
Yes
PWMSS3
Yes
Universal Asynchronous Receiver/Transmitter (UART)
UART
10
Universal Serial Bus (USB3.0)
USB1 (Super-
Speed, Dual-Role-
Device [DRD])
Yes
Universal Serial Bus (USB2.0)
USB2 (High-Speed,
Dual-Role-Device
[DRD], with
embedded HS PHY)
Yes
USB3 (High-Speed,
OTG2.0, with ULPI)
Not Supported(1)
USB4 (High-Speed,
OTG2.0, with ULPI)
Not Supported(1)
(1) Features noted as “not supported,” must not be used. Their functionality is not supported by TI for this family of devices. These features
are subject to removal without notice on future device revisions. Any information regarding the unsupported features has been retained
in the documentation solely for the purpose of clarifying signal names or for consistency with previous feature descriptions.
(2) IPU2 subsystem is dedicated to IVA support and is not available for other processing.
(3) For more details about the CTRL_WKUP_STD_FUSE_DIE_ID_2 register and Base PN bitfield, see the AM571x Technical Reference
Manual.


Similar Part No. - AM5706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
4Mb / 394P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
4Mb / 395P
[Old version datasheet]   Sitara Processors
More results

Similar Description - AM5706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com