Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS122C04IRTER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS122C04IRTER
Description  24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS122C04IRTER Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS122C04IRTER Datasheet HTML 7Page - Texas Instruments ADS122C04IRTER Datasheet HTML 8Page - Texas Instruments ADS122C04IRTER Datasheet HTML 9Page - Texas Instruments ADS122C04IRTER Datasheet HTML 10Page - Texas Instruments ADS122C04IRTER Datasheet HTML 11Page - Texas Instruments ADS122C04IRTER Datasheet HTML 12Page - Texas Instruments ADS122C04IRTER Datasheet HTML 13Page - Texas Instruments ADS122C04IRTER Datasheet HTML 14Page - Texas Instruments ADS122C04IRTER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
11
ADS122C04
www.ti.com
SBAS751 – OCTOBER 2017
Product Folder Links: ADS122C04
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 3. Noise in μVRMS (μVPP)
at AVDD = 3.3 V, AVSS = 0 V, Normal Mode, PGA Disabled, and Internal VREF = 2.048 V
DATA RATE
(SPS)
GAIN (PGA Disabled)
1
2
4
20
5.04 (19.71)
2.53 (10.06)
1.57 (5.68)
45
6.57 (33.34)
3.43 (14.00)
1.60 (6.98)
90
8.75 (42.59)
4.35 (22.83)
2.13 (10.52)
175
12.64 (65.71)
6.27 (35.00)
3.40 (16.83)
330
18.58 (106.06)
9.33 (52.59)
4.54 (26.30)
600
25.74 (150.81)
12.57 (79.15)
6.47 (36.87)
1000
36.98 (221.61)
18.67 (111.61)
9.27 (55.07)
Table 4. Effective Resolution From RMS Noise (Noise-Free Resolution From Peak-to-Peak Noise)
at AVDD = 3.3 V, AVSS = 0 V, Normal Mode, PGA Disabled, and Internal VREF = 2.048 V
DATA RATE
(SPS)
GAIN (PGA Disabled)
1
2
4
20
19.63 (17.66)
19.63 (17.64)
19.32 (17.46)
45
19.25 (16.91)
19.19 (17.16)
19.29 (17.16)
90
18.84 (16.55)
18.84 (16.45)
18.87 (16.57)
175
18.31 (15.93)
18.32 (15.84)
18.20 (15.89)
330
17.75 (15.24)
17.74 (15.25)
17.78 (15.25)
600
17.28 (14.73)
17.31 (14.66)
17.27 (14.76)
1000
16.76 (14.17)
16.74 (14.16)
16.75 (14.18)
Table 5. Noise in μVRMS (μVPP)
at AVDD = 3.3 V, AVSS = 0 V, Turbo Mode, PGA Enabled, and Internal VREF = 2.048 V
DATA
RATE
(SPS)
GAIN (PGA Enabled)
1
2
4
8
16
32
64
128
40
4.41 (19.43)
2.25 (10.62)
1.12 (5.32)
0.63 (2.74)
0.36 (1.64)
0.22 (1.10)
0.13 (0.63)
0.10 (0.51)
90
5.76 (30.73)
2.98 (14.16)
1.62 (7.84)
0.92 (4.43)
0.52 (2.59)
0.31 (1.59)
0.18 (0.97)
0.15 (0.76)
180
8.49 (44.61)
4.48 (22.25)
2.29 (13.23)
1.34 (6.83)
0.71 (4.11)
0.43 (2.49)
0.28 (1.51)
0.22 (1.05)
350
12.77 (71.04)
6.33 (37.00)
3.33 (19.17)
1.89 (10.76)
1.04 (5.91)
0.61 (3.54)
0.41 (2.13)
0.29 (1.64)
660
17.10 (105.64)
9.04 (54.97)
4.51 (27.74)
2.84 (16.98)
1.42 (8.45)
0.86 (5.07)
0.57 (3.32)
0.41 (2.38)
1200
25.26 (153.74)
12.51 (78.75)
6.58 (39.68)
3.90 (23.84)
2.11 (13.19)
1.23 (7.46)
0.81 (5.17)
0.58 (3.50)
2000
35.35 (226.39)
17.82 (112.98)
9.40 (59.37)
5.37 (32.97)
3.02 (18.73)
1.76 (11.12)
1.12 (7.06)
0.83 (5.41)
Table 6. Effective Resolution From RMS Noise (Noise-Free Resolution From Peak-to-Peak Noise)
at AVDD = 3.3 V, AVSS = 0 V, Turbo Mode, PGA Enabled, and Internal VREF = 2.048 V
DATA
RATE
(SPS)
GAIN (PGA Enabled)
1
2
4
8
16
32
64
128
40
19.83 (17.69)
19.80 (17.56)
19.80 (17.55)
19.63 (17.51)
19.44 (17.25)
19.15 (16.83)
18.91 (16.63)
18.29 (15.94)
90
19.44 (17.02)
19.39 (17.14)
19.27 (16.99)
19.09 (16.82)
18.91 (16.59)
18.66 (16.30)
18.44 (16.01)
17.70 (15.36)
180
18.88 (16.49)
18.80 (16.49)
18.77 (16.24)
18.54 (16.19)
18.46 (15.93)
18.18 (15.65)
17.80 (15.37)
17.15 (14.90)
350
18.29 (15.82)
18.30 (15.76)
18.23 (15.71)
18.05 (15.55)
17.91 (15.40)
17.68 (15.14)
17.25 (14.87)
16.75 (14.25)
660
17.87 (15.24)
17.79 (15.19)
17.79 (15.17)
17.46 (14.88)
17.46 (14.89)
17.18 (14.62)
16.78 (14.23)
16.25 (13.71)
1200
17.31 (14.70)
17.32 (14.67)
17.25 (14.66)
17.00 (14.39)
16.89 (14.24)
16.67 (14.07)
16.27 (13.60)
15.75 (13.16)
2000
16.82 (14.14)
16.81 (14.15)
16.73 (14.07)
16.54 (13.92)
16.37 (13.74)
16.15 (13.49)
15.80 (13.15)
15.23 (12.53)


Similar Part No. - ADS122C04IRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220IPW TI1-ADS1220IPW Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1220IPWR TI1-ADS1220IPWR Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1220IRVAR TI1-ADS1220IRVAR Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
More results

Similar Description - ADS122C04IRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
logo
Maxim Integrated Produc...
MAX11259 MAXIM-MAX11259 Datasheet
1Mb / 51P
   24-Bit, 6-Channel, 16ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with I2C Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com