Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1287D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1287D
Description  Dual, Simultaneous-Sampling, Low-Power, 1000-SPS, Analog-to-Digital Converter With a Programmable Gain Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1287D Datasheet(HTML) 3 Page - Texas Instruments

  ADS1287D Datasheet HTML 1Page - Texas Instruments ADS1287D Datasheet HTML 2Page - Texas Instruments ADS1287D Datasheet HTML 3Page - Texas Instruments ADS1287D Datasheet HTML 4Page - Texas Instruments ADS1287D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
20-Oct-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
ADS1287DIRHBR
ACTIVE
VQFN
RHB
32
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS
1287D
ADS1287DIRHBT
ACTIVE
VQFN
RHB
32
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
(ADS, XADS)
1287D
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - ADS1287D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1287 TI1-ADS1287 Datasheet
94Kb / 5P
[Old version datasheet]   Low-Power, 1000-SPS, Wide-Bandwidth, Analog-to-Digital Converter With Programmable Gain Amplifier
ADS1287IRHFR TI1-ADS1287IRHFR Datasheet
94Kb / 5P
[Old version datasheet]   Low-Power, 1000-SPS, Wide-Bandwidth, Analog-to-Digital Converter With Programmable Gain Amplifier
ADS1287IRHFT TI1-ADS1287IRHFT Datasheet
94Kb / 5P
[Old version datasheet]   Low-Power, 1000-SPS, Wide-Bandwidth, Analog-to-Digital Converter With Programmable Gain Amplifier
More results

Similar Description - ADS1287D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1287 TI1-ADS1287 Datasheet
94Kb / 5P
[Old version datasheet]   Low-Power, 1000-SPS, Wide-Bandwidth, Analog-to-Digital Converter With Programmable Gain Amplifier
logo
Sipex Corporation
SP8530 SIPEX-SP8530 Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
logo
Texas Instruments
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
[Old version datasheet]   Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com