Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1442T Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1442T
Description  4.0 A 280 kHz/560 kHz Boost Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1442T Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1442T Datasheet HTML 1Page - ON Semiconductor NCP1442T Datasheet HTML 2Page - ON Semiconductor NCP1442T Datasheet HTML 3Page - ON Semiconductor NCP1442T Datasheet HTML 4Page - ON Semiconductor NCP1442T Datasheet HTML 5Page - ON Semiconductor NCP1442T Datasheet HTML 6Page - ON Semiconductor NCP1442T Datasheet HTML 7Page - ON Semiconductor NCP1442T Datasheet HTML 8Page - ON Semiconductor NCP1442T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCP1442, NCP1443, NCP1444, NCP1445
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (2.7 V < VCC < 30 V; 0°C < TA < 85°C; 0°C < TJ < 125°C; For all NCP1442/3/4/5 specifications
unless otherwise stated.) (See Note 2)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Positive and Negative Error Amplifiers
FB Reference Voltage (NCP1442/4 only)
VC tied to FB; measure at FB
1.246
1.276
1.300
V
NFB Reference Voltage (NCP1443/5 only)
VC = 1.25 V
−2.60
−2.475
−2.40
V
FB Input Current (NCP1442/4 only)
FB = VREF
−1.0
0.1
1.0
mA
NFB Input Current (NCP1443/5 only)
NFB = NVREF
−16
−10
−5.0
mA
FB Reference Voltage Line Regulation
(NCP1442/4 only)
VC = FB
−0.03
0.01
0.03
%/V
NFB Reference Voltage Line Regulation
(NCP1443/5 only)
VC = 1.25 V
−0.05
0.01
0.05
%/V
Positive Error Amp Transconductance
IVC = ± 25 mA
300
550
800
mMho
Negative Error Amp Transconductance
IVC = ± 5.0 mA
115
160
225
mMho
Positive Error Amp Gain
(Note 3)
200
500
V/V
Negative Error Amp Gain
(Note 3)
100
180
320
V/V
VC Source Current
FB = 1.0 V or NFB = −1.9 V, VC = 1.25 V
−90
−50
−25
mA
VC Sink Current
FB = 1.5 V or NFB = −3.1 V, VC = 1.25 V
200
460
1500
mA
VC High Clamp Voltage
FB = 1.0 V or NFB = −1.9 V; VC sources 25 mA
1.5
1.64
1.9
V
VC Low Clamp Voltage
FB = 1.5 V or NFB = −3.1 V, VC sinks 25 mA
0.30
0.47
0.70
V
VC Threshold
Reduce VC from 1.5 V until switching stops
0.70
1.05
1.30
V
Oscillator
Base Operating Frequency
NCP1442/3, FB = 1.0 V or NFB = −1.9 V
240
280
320
kHz
Reduced Operating Frequency
NCP1442/3, FB = 0 V or NFB = 0 V
30
68
120
kHz
Maximum Duty Cycle
NCP1442/3
90
96
%
Base Operating Frequency
NCP1444/5, FB = 1.0 V or NFB = −1.9 V
480
560
640
kHz
Reduced Operating Frequency
NCP1444/5, FB = 0 V or NFB = 0 V
60
120
160
kHz
Maximum Duty Cycle
NCP1444/5
82
92
%
FB Frequency Shift Threshold
Frequency drops to reduced operating frequency
0.36
0.40
0.44
V
NFB Frequency Shift Threshold
Frequency drops to reduced operating frequency
−0.80
−0.68
−0.50
V
Sync/Shutdown
Sync Range
NCP1442/3
500
kHz
Sync Range
NCP1444/5
1000
kHz
Sync Pulse Transition Threshold
Rise time = 20 ns
2.5
V
SS Bias Current
SS = 0 V
SS = 3.0 V
−10
−1.0
0.2
4.0
mA
mA
Shutdown Threshold
0.50
0.85
1.20
V
Shutdown Delay
2.7 V
≤ VCC ≤ 12 V
12 V < VCC ≤ 30 V
12
12
100
40
500
400
ms
ms
2. For the FR4 suffix parts, production testing is performed at 25
°C and 85°C; limits at 0°C are guaranteed by design.
3. Guaranteed by design, not 100% tested in production.


Similar Part No. - NCP1442T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400A ONSEMI-NCP1400A Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1400A ONSEMI-NCP1400A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP1442T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
NCV5171 ONSEMI-NCV5171_V01 Datasheet
332Kb / 20P
   Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
   1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
NCP5173 ONSEMI-NCP5173 Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
NCP5173 ONSEMI-NCP5173_06 Datasheet
437Kb / 17P
   1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2
logo
Microchip Technology
MCP1651S-E-MS MICROCHIP-MCP1651S-E-MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com