Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1142 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW1142
Description  AUDIO PROCESSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1142 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW1142 Datasheet HTML 5Page - New Japan Radio NJW1142 Datasheet HTML 6Page - New Japan Radio NJW1142 Datasheet HTML 7Page - New Japan Radio NJW1142 Datasheet HTML 8Page - New Japan Radio NJW1142 Datasheet HTML 9Page - New Japan Radio NJW1142 Datasheet HTML 10Page - New Japan Radio NJW1142 Datasheet HTML 11Page - New Japan Radio NJW1142 Datasheet HTML 12Page - New Japan Radio NJW1142 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NJW1142
-9 -
d) TONE CONTROL TREBLE SETTING
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
03H
BCT
TREB
BCST
SUB-TREB
•BCT : Boost cut select for Treble control
“0” : Cut
“1” : Boost
•TREB: Treble control(1dB/step)
Cut Level
: -15dB to 0dB(1dB/Step)
Boost Level
: 0dB to +15dB(1dB/Step)
•BCST : Boost cut select for Sub-Treble control
“0” : Cut
“1” : Boost
•SUB-TREB: Sub-Treble control(1dB/step)
Sub-Cut Level
: -3dB to 0dB(1dB/Step)
Sub-Boost Level : 0dB to +3dB(1dB/Step)
e)OUTPUT AND AUXILIARY SETTING
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
05H
OUT
SEL
AGC1
AGC0
AGC
Don’t Care
•OUT: ON/OFF Switch for OUTPUT
“0” : OFF(MUTE)
“1” : ON
•SEL: Input Selector
SEL
Input Channel
Selector
D6
D5
D4
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
• AGC1: AGC Level Setting
AGC Level
AGC1(D3)
AGC0(D2)
AGC (D1)
300mVrms
0
0
1
400mVrms
0
1
1
500mVrms
1
0
1
600mVrms
1
1
1
AGC Off
0
✳ Don’t Care


Similar Part No. - NJW1142

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1140GK1 NJRC-NJW1140GK1 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141L NJRC-NJW1141L Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141M NJRC-NJW1141M Datasheet
287Kb / 20P
   AUDIO PROCESSOR
More results

Similar Description - NJW1142

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1173 NJRC-NJW1173 Datasheet
155Kb / 17P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
NJW1165 NJRC-NJW1165 Datasheet
508Kb / 25P
   AUDIO PROCESSOR
logo
Analog Devices
SST-MELODY-DAP AD-SST-MELODY-DAP_15 Datasheet
589Kb / 24P
   Audio Processor
logo
New Japan Radio
NJW1144 NJRC-NJW1144 Datasheet
774Kb / 24P
   AUDIO PROCESSOR
NJW1145 NJRC-NJW1145 Datasheet
567Kb / 24P
   AUDIO PROCESSOR
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com