Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEPR30N-4260Z Datasheet(PDF) 2 Page - AIMTEC

Part # AMEPR30N-4260Z
Description  up to 700mA | AC-DC LED driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30N-4260Z Datasheet(HTML) 2 Page - AIMTEC

  AMEPR30N-4260Z Datasheet HTML 1Page - AIMTEC AMEPR30N-4260Z Datasheet HTML 2Page - AIMTEC AMEPR30N-4260Z Datasheet HTML 3Page - AIMTEC AMEPR30N-4260Z Datasheet HTML 4Page - AIMTEC AMEPR30N-4260Z Datasheet HTML 5Page - AIMTEC AMEPR30N-4260Z Datasheet HTML 6Page - AIMTEC AMEPR30N-4260Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Series AMEPR30N-Z
up to 700mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R0
2 of 7
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
138
KHz
Over current protection
Refer to Constant Current vs. Constant Voltage Mode curve
Over voltage protection
Refer to Constant Current vs. Constant Voltage Mode curve
Short circuit protection
Continuous, Hiccup Mode
Short circuit restart
Auto Recovery
Open circuit protection
Continuous Clamping, Constant Voltage Output
Over Temperature Protection
Threshold
– Shutdown Output
+103
oC
Hysteresis
– Auto Recovery
+85
oC
Operating temperature
Without Derating
-30 to +50
oC
Maximum case temperature
-30 to +80
oC
Storage temperature
-40 to +85
oC
Temperature coefficient
0.05
% / oC
Cooling
Free Air Convection
Humidity
90
% RH
Case material
Plastic
IP Rating
IP62
Weight
180
g
Dimensions (L X W X H)
6.61 x 1.85 x 0.98 inches
168.0 x 47.0 x 25.0 mm
MTBF
>450,000 hrs (MIL-HDBK-217F at +25°C)
Safety Specifications
Parameters
Standards
Electromagnetic Interference
EN55015 / FCC Part 15, Class B
Harmonic Current Emissions
EN61000-3-2, Class B
Voltage fluctuations and flicker
EN61000-3-3
Electrostatic Discharge Immunity
EN61000-4-2, 8kV Air, 4kV Contact, Level 3, Criteria A
RF, Electromagnetic Field Immunity
EN61000-4-3, Test-RS Level 3, Criteria A
Electrical Fast Transient / Burst Immunity
EN61000-4-4, Burst EFT Level 3, Criteria A
Surge Immunity
EN61000-4-5, Line to Neutral 2kV, Line/Neutral to PE 4kV
RF, Conducted Disturbance Immunity
EN61000-4-6. Test-CS Level 3, Criteria A
Power frequency Magnetic Field Immunity
EN61000-4-8, Test 3A/m, Criteria A
Voltage dips, Short Interruptions Immunity
EN61000-4-11, Criteria B
Electromagnetic Immunity Requirements Applies
to Lighting Equipment
EN61547
Pin Definition
Application Block diagram
Recommended
Wire gauge
Connection
20-24
AC L
20-24
AC N
14-26
LED+
14-26
LED-
AC1
AC2
LED+
LED-
AC
1st LED
LED
LED


Similar Part No. - AMEPR30N-4260Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30N-4260Z AIMTEC-AMEPR30N-4260Z Datasheet
669Kb / 7P
   up to 700mA | AC-DC LED driver
More results

Similar Description - AMEPR30N-4260Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30N-Z AIMTEC-AMEPR30N-Z Datasheet
669Kb / 7P
   up to 700mA | AC-DC LED driver
AMEPR8-2435KZ AIMTEC-AMEPR8-2435KZ Datasheet
503Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30NC-Z AIMTEC-AMEPR30NC-Z Datasheet
869Kb / 8P
   up to 700mA | AC-DC LED driver
AMEPR4-1230KZ AIMTEC-AMEPR4-1230KZ Datasheet
203Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30NC-4250Z AIMTEC-AMEPR30NC-4250Z Datasheet
869Kb / 8P
   up to 700mA | AC-DC LED driver
AMEGR8-1270KZ AIMTEC-AMEGR8-1270KZ Datasheet
247Kb / 2P
   700mA | AC-DC LED driver
AMEGR25-KZ-C1 AIMTEC-AMEGR25-KZ-C1 Datasheet
205Kb / 2P
   700mA | AC-DC LED driver
AMER63-KZ AIMTEC-AMER63-KZ Datasheet
248Kb / 2P
   700mA | AC-DC LED driver
AMEGR25-3670KZ AIMTEC-AMEGR25-3670KZ Datasheet
205Kb / 2P
   700mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com