Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS13DP-CD293 Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TS13DP-CD293
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DP-CD293 Datasheet(HTML) 2 Page - Suntan Capacitors

  TS13DP-CD293_17 Datasheet HTML 1Page - Suntan Capacitors TS13DP-CD293_17 Datasheet HTML 2Page - Suntan Capacitors TS13DP-CD293_17 Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
TS13D CD293
u STANDARD RATINGS
WV(V)
/
□DxL
(mm)
10
16
25
35
50
63
80
100
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
22x25
10000
2.5
8200
2.2
5600
2.0
3300
1.8
2200
1.7
1500
1.6
1000
1.3
680
1.1
22x30
15000
3.2
10000
2.6
6800
2.3
3900
2.1
2700
1.9
2200
2.0
1200
1.5
820
1.2
22x35
18000
3.6
12000
2.9
8200
2.6
5600
2.3
3900
2.1
2700
2.2
1800
1.9
1200
1.6
22x40
22000
4.0
15000
3.3
10000
2.9
6800
2.9
4700
2.4
3300
2.3
2200
2.1
1500
1.8
22x45
--
--
18000
3.8
12000
3.3
--
--
--
3900
2.5
--
--
--
--
22x50
--
--
22000
4.2
--
--
8200
2.8
5600
2.5
--
--
2700
2.5
1800
2.1
25x25
15000
3.1
10000
2.6
6800
2.3
4700
2.2
2700
1.9
2200
2.0
1500
1.7
1000
1.4
25x30
18000
3.6
15000
3.3
10000
2.8
5600
2.3
3900
2.1
2700
2.3
1800
1.9
1200
1.6
25x35
22000
4.1
18000
3.7
12000
3.2
6800
2.6
4700
2.4
3300
2.3
2200
2.2
1500
1.7
25x40
--
--
22000
4.2
15000
3.7
8200
2.8
5600
2.5
3900
2.6
2700
2.5
1800
2.0
25x45
--
--
--
--
--
--
10000
3.1
6800
2.8
5600
3.1
3300
2.8
2200
2.2
25x50
--
--
--
--
18000
4.3
12000
3.5
8200
3.2
--
--
3900
3.1
2700
2.6
30x25
22000
4.1
15000
3.4
10000
3.0
6800
2.7
3900
2.4
3300
2.3
2200
2.2
1500
1.8
30x30
--
--
22000
4.2
12000
3.4
8200
2.8
5600
2.5
3900
2.6
2700
2.5
1800
2.1
30x35
--
--
--
--
18000
4.2
10000
3.2
6800
2.8
5600
3.2
3300
2.8
2200
2.3
30x40
--
--
--
--
22000
4.8
12000
3.5
8200
3.0
6800
3.6
3900
3.2
2700
2.7
30x45
--
--
--
--
--
--
15000
4.1
10000
3.4
--
--
4700
3.6
3300
3.0
30x50
--
--
--
--
--
--
18000
4.6
12000
3.8
8200
3.7
5600
3.5
3900
3.4
35x25
--
--
22000
4.4
15000
3.9
8200
2.9
5600
2.6
3900
2.7
2700
2.5
1800
2.2
35x30
--
--
--
--
18000
4.4
12000
3.6
8200
3.0
5600
3.3
3900
3.2
2200
2.5
35x35
--
--
--
--
22000
5.0
15000
4.1
10000
3.4
6800
3.7
4700
3.6
3300
3.1
35x40
--
--
--
--
--
--
18000
4.7
12000
3.8
8200
3.8
5600
3.5
3900
3.4
35x45
--
--
--
--
--
--
22000
5.3
--
--
10000
4.3
--
--
--
--
35x50
--
--
--
--
--
--
--
--
15000
4.5
12000
4.8
6800
4.4
4700
4.0
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13DP-CD293_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DP-CD293 SUNTAN-TS13DP-CD293 Datasheet
413Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13DP-CD293_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com