Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS13DB-CD50H Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS13DB-CD50H
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DB-CD50H Datasheet(HTML) 1 Page - Suntan Capacitors

  TS13DB-CD50H_17 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
1 0 5 ℃ , 5 M M
H E I G H T
TS13D CD50H
F E A T U R E S
• Load life of 1000 hours at 105℃
• 5mm height at case dia, 4-6.3mm
u Specifications
ITEMS PE RF ORMA NCE
CH ARA CTE RIS TI CS
Temperature Range(℃)
-55~+105
Leakage Current(µA)
Less than 0.01CV or 3 whichever is larger (at 25℃, after 2 minutes) C: Capacitance(µF), V: Voltage(V)
Capacitance Tolerance
(25℃, 120Hz)
±20%
Dissipation Factor
(25℃, 120Hz)
Rated voltage(V)
6.3
10
16
25
35
50
Tan δ
0.28
0.24
0.20
0.14
0.12
0.10
Temperature Stability
(120Hz)
Rated Voltage(V)
6.3
10
16
25
35
50
Impedance
ratio
Z-25℃/Z+20℃
3
2
Z-40℃/Z+20℃
8
5
4
3
Load Life
(+105℃)
Time
1000 hours
Leakage current
Initial specified value or less
Capacitance change
Within±20% of initial value
Dissipation factor
200% or less of initial specified value
Shelf Life
(+105℃)
Test time 500hours, Others have same as load life
Pretreatment performed
u Dimensions
mm
u Multiplier for ripple current
ΦD
4
5
6.3
F
1.5
2.0
2.5
Φd±0.05
0.45
a Max
+1.5 -1.0
b Max
0.5
Frequency coefficient
Freq(Hz)
Rated voltage(v)
50,60
120
1K
10K~100K
6.3~16
0.64
0.80
0.92
1.0
25~35
0.57
0.71
0.89
1.0
50
0.53
0.67
0.90
1.0
Temperature coefficient
Temperature (℃)
+70 or less
+85
+105
Factor
2.1
1.8
1
u Standard ratings
WV(v)
Cap(uF)
6.3
10
16
25
35
50
Size(mm)
Ripple
Size(mm)
Ripple
Size(mm)
Ripple
Size(mm)
Ripple
Size(mm)
Ripple
Size(mm)
Ripple
ΦDxL
mArms
ΦDxL
mArms
ΦDxL
mArms
ΦDxL
mArms
ΦDxL
mArms
ΦDxL
mArms
0.1
--
--
--
--
--
--
--
--
--
--
4x5
3
0.22
--
--
--
--
--
--
--
--
--
--
4x5
5
0.33
--
--
--
--
--
--
--
--
--
--
4x5
6
0.47
--
--
--
--
--
--
--
--
--
--
4x5
8
1
--
--
--
--
--
--
--
--
--
--
4x5
11
2.2
--
--
--
--
--
--
--
--
--
--
4x5
17
3.3
--
--
--
--
--
--
--
--
4x5
17
4x5
20
4.7
--
--
--
--
4x5
15
4x5
18
4x5
20
5x5
27
10
--
--
4x5
20
4x5
23
5x5
31
5x5
34
6.3x5
45
22
4x5
26
5x5
34
5x5
38
6.3x5
53
6.3x5
57
--
--
33
5x5
33
5x5
43
6.3x5
56
6.3x5
66
--
--
--
--
47
5x5
45
6.3x5
58
6.3x5
65
--
--
--
--
--
--
100
6.3x5
78
--
--
--
--
--
--
--
--
--
--
Ripple Current: 105℃, 100KHz
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13DB-CD50H_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DB-CD50H SUNTAN-TS13DB-CD50H Datasheet
119Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13DB-CD50H_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com