Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUBW15-12A6 Datasheet(PDF) 6 Page - IXYS Corporation

Part # MUBW15-12A6
Description  Converter - Brake - Inverter Module (CBI1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MUBW15-12A6 Datasheet(HTML) 6 Page - IXYS Corporation

  MUBW15-12A6 Datasheet HTML 1Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 2Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 3Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 4Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 5Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 6Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 7Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2000 IXYS All rights reserved
6 - 8
MUBW 15-12 A6
U’ƒˆ‡ƒˆ‡Ãpuh…hp‡r…v†‡vp†Ã!$ƒ8

!
#
%
'

!
#
%
'
!

!"#
$%&'(

VprW
Dp6
hÃiÃp
q
r
s
t
u
v
w
x
Vt†W
hÃÃ$W
iÃÃ%W
pÃÃ&W
qÃÃ'W
rÃÃ(W
sÃÃ W
tà W
uà !W
vÃÃ "W
wÃÃ #W
xà $W
U’ƒˆ‡ƒˆ‡Ãpuh…hp‡r…v†‡vp†Ã !$ƒ8

















VprW
Dp6
DE
F
G
H
I
J
K
M
N
M
Vt†W
hÃÃ$W
iÃÃ%W
pÃÃ&W
qÃÃ'W
rÃÃ(W
sÃÃ W
tà W
uà !W
vÃÃ "W
wÃÃ #W
xà $W
ÃÃ

!
#
%
'

!
#
%
'
!


!
"
#
$
%
&
8uh…tr Á8i
V
tr
ÃW

 
 



$

$
!
!$
"
"$
VprÃW
8
ÁA
8v††ÃA
8‚††ÃA
8…††ÃA
Output Inverter T1 - T6
0
400
800
1200
0.0
0.5
1.0
1.5
2.0
2.5
V
CE
I
Cpuls / IC
V
T
V
J = 150°C
V
GE = 15 V
Reverse biased safe operating area
0
400
800
1200
0
2
4
6
8
10
V
CE
I
Csc / IC
V
T
V
J = 150°C
V
GE = ±15 V
T
sc £ 10 µs
L
< 50 nH
di/dt =
200 A/µs
600 A/µs
1000A/µs
Short circuit safe operating area
Typ. gate charge
Typ. capacitances


Similar Part No. - MUBW15-12A6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW15-12A6K IXYS-MUBW15-12A6K Datasheet
201Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
More results

Similar Description - MUBW15-12A6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L260 IXYS-L260 Datasheet
216Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW10-06A6 IXYS-MUBW10-06A6 Datasheet
218Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW10-12A6 IXYS-MUBW10-12A6 Datasheet
261Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW6-06A6 IXYS-MUBW6-06A6 Datasheet
241Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW15-06A6 IXYS-MUBW15-06A6 Datasheet
210Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
L258 IXYS-L258 Datasheet
207Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW15-12A6K IXYS-MUBW15-12A6K Datasheet
201Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com