Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUBW15-12A6 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MUBW15-12A6
Description  Converter - Brake - Inverter Module (CBI1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MUBW15-12A6 Datasheet(HTML) 3 Page - IXYS Corporation

  MUBW15-12A6 Datasheet HTML 1Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 2Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 3Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 4Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 5Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 6Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 7Page - IXYS Corporation MUBW15-12A6 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2000 IXYS All rights reserved
3 - 8
MUBW 15-12 A6
Brake Chopper T7, D7
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C
1200
V
V
CGR
T
VJ = 25°C; RGE = 20k
W
1200
V
V
GE
T
VJ = 25°C
±20
V
I
C
T
C =
25°C
13
A
T
C =
90°C
8
A
I
CM
t
p = 1 ms = 1% duty cycle;
T
C = 25°C
26
A
T
C = 90°C
16
A
t
SC
V
CE = 600 V; TVJ = 125°C
non-repetitive
10
µs
P
tot
T
C = 25°C
67
W
T
VJ
Free-Wheeling Diode
+150
°C
T
VJ
IGBT
+150
°C
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
I
CES
V
GE = 0 V; VCE = 1000 V
1
100
µA
I
GES
V
CE = 0 V; VGE = 25 V
0.1
100
nA
V
GE(th)
V
GE = VCE; IC = 0.3 mA
4.5
5.5
6.5
V
V
(BR)CES
V
GE = 0 V; IC = 10 mA; TVJ = -40°C
1200
V
V
CEsat
V
GE = 15 V; IC = 5 A;
T
VJ =
25°C
2.8
3.3
V
T
VJ = 150°C
4
4.5
V
t
f
200
ns
t
r
55
ns
t
d(on)
65
ns
t
d(off)
320
ns
E
off
0.4
mJ
E
on
0.8
mJ
C
iss
650
pF
C
oss
50
pF
C
rss
20
pF
g
fs
V
CE = 20 V; IC = 1.5 A
1.7
2.5
S
Q
g
V
CC = 800 V; IC = 6 A pulse; VGE = 15 V
48
nC
V
F
I
F = 4 A; VGE = 0 V;
T
VJ =
25°C
2.3
3
V
T
VJ = 100°C
2
V
t
rr
I
F = 4 A; VGE = 0 V; TVJ = 100°C
55
ns
V
R = -300 V; diF/dt = -800 A/µs
Q
rr
I
F = 4 A; VR = -300 V; VGE = 0 V
0.8
µC
di
F/dt = -800 A/µs
I
r
250
µA
R
thJC
IGBT
(per die)
1.55
°C/W
Diode
(per die)
2.25
°C/W
Inductive load, T
VJ = 125°C
V
CC = 600 V; IC = 5 A
R
G = 100 W; VGE =
±15 V
V
GE = 0 V
V
CE = 25 V
f = 1 MHz


Similar Part No. - MUBW15-12A6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW15-12A6K IXYS-MUBW15-12A6K Datasheet
201Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
More results

Similar Description - MUBW15-12A6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L260 IXYS-L260 Datasheet
216Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW10-06A6 IXYS-MUBW10-06A6 Datasheet
218Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW10-12A6 IXYS-MUBW10-12A6 Datasheet
261Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW6-06A6 IXYS-MUBW6-06A6 Datasheet
241Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW15-06A6 IXYS-MUBW15-06A6 Datasheet
210Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
L258 IXYS-L258 Datasheet
207Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW15-12A6K IXYS-MUBW15-12A6K Datasheet
201Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com