Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WL24-2V530S04 Datasheet(PDF) 2 Page - SICK AG

Part # WL24-2V530S04
Description  PHOTOELECTRIC SENSORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL24-2V530S04 Datasheet(HTML) 2 Page - SICK AG

  WL24-2V530S04 Datasheet HTML 1Page - SICK AG WL24-2V530S04 Datasheet HTML 2Page - SICK AG WL24-2V530S04 Datasheet HTML 3Page - SICK AG WL24-2V530S04 Datasheet HTML 4Page - SICK AG WL24-2V530S04 Datasheet HTML 5Page - SICK AG WL24-2V530S04 Datasheet HTML 6Page - SICK AG WL24-2V530S04 Datasheet HTML 7Page - SICK AG WL24-2V530S04 Datasheet HTML 8Page - SICK AG WL24-2V530S04 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WL24-2V530S04 | W24-2
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
WL24-2V530S04
1023550
Other models and accessories
www.sick.com/W24-2
Detailed technical data
Features
Sensor/ detection principle
Photoelectric retro-reflective sensor, Dual lens
Dimensions (W x H x D)
27 mm x 87.5 mm x 65 mm
Housing design (light emission)
Rectangular
Sensing range max.
0 m ... 22 m 1)
Sensing range
0 m ... 15 m 1)
Type of light
Visible red light
Light source
LED 2)
Light spot size (distance)
Ø 250 mm (15 m)
Adjustment
Potentiometer
Alarm output
Special features
Dynamic front lense heating
Front lense made of glass
1) Reflector PL80A.
2) Average service life: 100,000 h at TU = +25 °C.
Communication interface
Communication interface
-
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 11:23:44
Subject to change without notice


Similar Part No. - WL24-2V530S04

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL24-2V530S06 SICK-WL24-2V530S06 Datasheet
4Mb / 9P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WL24-2V530S04

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com