Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

858L8B-6 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # 858L8B-6
Description  8-Bit Programmable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

858L8B-6 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  858L8B-6 Datasheet HTML 1Page - Frequency Devices, Inc. 858L8B-6 Datasheet HTML 2Page - Frequency Devices, Inc. 858L8B-6 Datasheet HTML 3Page - Frequency Devices, Inc. 858L8B-6 Datasheet HTML 4Page - Frequency Devices, Inc. 858L8B-6 Datasheet HTML 5Page - Frequency Devices, Inc. 858L8B-6 Datasheet HTML 6Page - Frequency Devices, Inc. 858L8B-6 Datasheet HTML 7Page - Frequency Devices, Inc. 858L8B-6 Datasheet HTML 8Page - Frequency Devices, Inc. 858L8B-6 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
0.1 Hz to 102.4 kHz
8-Bit Programmable
858 Series
2" x 4"
8-Pole Filters
Description
The 858 Series are digitally programmable low pass
and high-pass active filters that are tunable over a
256:1 frequency range.
858 filters are available
with any one of six standard factory-set tuning
ranges up to 102.4 kHz.
These units contain 8
CMOS logic inputs that can be operated in a
transparent or latching mode.
All 858 Series models are convenient, low profile,
easy to use fully finished filters which require no
external components or adjustments. They feature
low harmonic distortion, and near theoretical phase
and amplitude characteristics. 858 filters operate
from non-critical ± 12 to ± 18 Vdc power supplies,
have a 10 k
W (min.) input impedance, a 10 W (max.)
output impedance
and offer dc voltage offset
adjustment.
Features/Benefits:
Lower cost, high precision replacement for 848
and 878 series products.
• Low harmonic distortion and wide signal-to-noise
ratio to 16 bit resolution.
• Digitally programmable corner frequency allows
selecting cut-off frequencies specific to each
application.
• Plug-in
ready-to-use,
reducing
engineering
design and manufacturing cycle time.
• Factory-set tuning range, no external clocks or
adjustments needed.
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.
Applications
Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Sound and vibration testing
• Real and compressed time data analysis
• Noise elimination
• Signal reconstruction
Programmable Specifications: . . . . . . . . . . . . . Page
Digital Tuning & Control. . . . . . . . . . . . . . . . . . . . . . 2
Available Low-Pass Models: . . . . . . . . . . . . . . . . . . .
858L8B
8-pole Butterworth . . . . . . . . . . . . . . . . . 3
858L8E
8-pole, 6 zero elliptic, 1.77 (-80dB) . . . . . 3
858L8EX 8-pole, 6 zero elliptic, 1.56 (-80dB) . . . . . 3
858L8EY 8-pole, 6 zero elliptic, 2.00 (-100dB) . . . . 3
858L8L
8-pole Bessel . . . . . . . . . . . . . . . . . . . . . 4
858L8D608-pole constant delay (-60dB). . . . . . . . . 4
858L8D808-pole constant delay (-80dB). . . . . . . . . 4
858L8D108-pole constant delay (-100dB) . . . . . . . . 4
Available High-Pass Models: . . . . . . . . . . . . . . . . . .
858H8B
8-pole Butterworth . . . . . . . . . . . . . . . . . . 5
858H8E
8-pole, 6 zero elliptic, 1.77 (-80dB) . . . . . 5
858H8EX 8-pole, 6 zero elliptic, 1.56 (-80dB) . . . . . 5
858H8EY 8-pole, 6 zero elliptic, 2.00 (-100dB) . . . . 5
General Specifications:
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . 6
Pin-out/package data . . . . . . . . . . . . . . . . . . . . . . . . 6


Similar Part No. - 858L8B-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
858L8B-6 ETC1-858L8B-6 Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-6 FREQUENCYDEVICES-858L8B-6 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
More results

Similar Description - 858L8B-6

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
   8-Bit Programmable Timing Element
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D3608 DATADELAY-3D3608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855_1 Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
logo
Texas Instruments
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Maxim Integrated Produc...
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
logo
Texas Instruments
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com