Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

858H8D10-5 Datasheet(PDF) 10 Page - Frequency Devices, Inc.

Part # 858H8D10-5
Description  8-Bit Programmable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

858H8D10-5 Datasheet(HTML) 10 Page - Frequency Devices, Inc.

Back Button 858H8D10-5 Datasheet HTML 6Page - Frequency Devices, Inc. 858H8D10-5 Datasheet HTML 7Page - Frequency Devices, Inc. 858H8D10-5 Datasheet HTML 8Page - Frequency Devices, Inc. 858H8D10-5 Datasheet HTML 9Page - Frequency Devices, Inc. 858H8D10-5 Datasheet HTML 10Page - Frequency Devices, Inc. 858H8D10-5 Datasheet HTML 11Page - Frequency Devices, Inc. 858H8D10-5 Datasheet HTML 12Page - Frequency Devices, Inc. 858H8D10-5 Datasheet HTML 13Page - Frequency Devices, Inc. 858H8D10-5 Datasheet HTML 14Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
8-Pole, 6-Zero
Constant Delay
Appendix A
Low-Pass (60 dB)
20
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Frequency Response
Delay
(Normalized)
Step Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
-0.2
0.1
1.0
2
3
4
5 6 7 8 9
0.0
0.5
1.0
1.5
0.15
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
1.40
1.60
1.80
2.00
2.25
0.90
0.95
1.00
1.10
1.20
0.50
0.60
0.70
0.80
0.85
0.00
0.10
0.20
0.30
0.40
(sec)
Theoretical Transfer Characteristics
1
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
6.50
7.00
8.00
9.00
10.0
5.00
5.25
5.50
5.75
6.00
3.75
4.00
4.25
4.50
4.75
2.50
2.75
3.00
3.25
3.50
-63.3
-63.7
-64.7
-66.0
-67.3
-64.6
-63.9
-63.5
-63.3
-63.2
-74.7
-85.0
-72.0
-67.9
-65.8
-50.5
-78.0
-63.7
-63.5
-66.9
-10.3
-15.9
-22.4
-29.4
-39.0
-2.02
-2.48
-3.01
-4.29
-5.91
-0.161
-0.384
-0.745
-1.28
-1.62
0.00
0.005
0.012
0.005
-0.042
-295
-299
-307
-313
-318
-275
-279
-283
-286
-289
-425
-253
-259
-265
-270
-544
-561
-395
-407
-417
-386
-431
-467
-495
-523
-252
-265
-279
-307
-334
-140
-168
-196
-224
-238
0.00
-28.0
-55.9
-83.9
-112
.028
.024
.019
.015
.012
.048
.044
.040
.036
.033
.088
.077
.068
.060
.054
.212
.171
.142
.119
.102
.675
.558
.443
.351
.268
.776
.775
.773
.766
.749
.776
.776
.776
.776
.776
.776
.776
.776
.776
.776


Similar Part No. - 858H8D10-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
858H8D10-5 ETC1-858H8D10-5 Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858H8D10-5 FREQUENCYDEVICES-858H8D10-5 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
More results

Similar Description - 858H8D10-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
   8-Bit Programmable Timing Element
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D3608 DATADELAY-3D3608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855_1 Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
logo
Texas Instruments
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Maxim Integrated Produc...
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
logo
Texas Instruments
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com