Electronic Components Datasheet Search |
|
D824L8L-5 Datasheet(PDF) 3 Page - Frequency Devices, Inc. |
|
D824L8L-5 Datasheet(HTML) 3 Page - Frequency Devices, Inc. |
3 / 13 page D824 Series 4-Pole Low-Pass Filters 1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176 e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com 8-Bit Programmable 1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot. 3 Model D824L8B D824L8L D824L8Y2 D824L8Y5 Product Specifications Transfer Function 4-Pole, 4-Pole, 4-Pole, Chebychev, 4-Pole, Chebychev, Butterworth Bessel 0.2 dB Ripple 0.5 dB Ripple Size, Model 2 2.0” x 2.0” x 0.5” 2.0” x 2.0” x 0.5” 2.0” x 2.0” x 0.5” 2.0” x 2.0” x 0.5” Model 3 thru 6 2.0” x 2.0” x 0.4” 2.0” x 2.0” x 0.4” 2.0” x 2.0” x 0.4” 2.0” x 2.0” x 0.4” Range fc 1.0 Hz to 102.4 kHz 1.0 Hz to 102.4 kHz 1.0 Hz to 102.4 kHz 1.0 Hz to 102.4 kHz Theoretical Transfer Appendix A Appendix A Appendix A Appendix A Characteristics Page 7 Page 2 Page 12 Page 15 Passband Ripple 0.0 dB 0.0 dB 0.20 dB 0.50 dB (theoretical) DC Voltage Gain 0 ± 0.1 dB max. 0 ± 0.1 dB max. 0 ± 0.1 dB max. 0 ± 0.1 dB max. (non-inverting) 0 ± 0.05 dB typ. 0 ± 0.05 dB typ. 0 ± 0.05 dB typ. 0 ± 0.05 dB typ. Stopband Attenuation Rate 24 dB/octave 24 dB/octave 24 dB/octave 24 dB/octave Cutoff Frequency fc ± 2% max. fc ± 2% max. fc ± 2% max. fc ± 2% max. Stability ± 0.01% /°C ± 0.01% /°C ± 0.01% /°C ± 0.01% /°C Amplitude -3 dB -3 dB -3 dB -3 dB Phase -180° -121° -231° -245° Filter Attenuation 0.67 dB 0.80 fc 1.86 dB 0.80 fc -0.20 dB 0.80 fc -0.43 dB 0.80 fc (theoretical) 3.01 dB 1.00 fc 3.01 dB 1.00 fc 3.01 dB 1.00 fc 3.01 dB 1.00 fc 30.0 dB 2.37 fc 30.0 dB 3.50 fc 30.0 dB 1.89 fc 30.0 dB 1.80 fc 40.0 dB 3.16 fc 40.0 dB 4.72 fc 40.0 dB 2.46 fc 40.0 dB 2.33 fc Phase Match1 0 - 0.8 fc ± 2° max. 0 - fc ± 2° max. 0 - 0.8 fc ± 2° max. 0 - 0.8 fc ± 2° max. ± 1° typ. ± 1° typ. ± 1° typ. ± 1° typ. 0.8 fc - 1.0 fc ± 3° max. 0.8 fc - 1.0 fc ± 3° max. 0.8 fc - 1.0 fc ± 3° max. ± 1.5° typ. ± 1.5° typ. ± 1.5° typ. Amplitude Accuracy 0 - 0.8 fc ± 0.2 dB max. 0 - fc ± 0.2 dB max. 0 - 0.8 fc ± 0.2 dB max. 0 - 0.8 fc ± 0.2 dB max. (theoretical) ± 0.1 dB typ. ± 0.1 dB typ. ± 0.1 dB typ. ± 0.1 dB typ. 0.8 fc - 1.0 fc ± 0.3 dB max. 0.8 fc - 1.0 fc ± 0.3 dB max. 0.8 fc - 1.0 fc ± 0.3 dB max. ± 0.15 dB typ. ± 0.15 dB typ. ± 0.15 dB typ. Total Harmonic < - 100 dB typ. < - 100 dB typ. < - 88 dB typ. < - 88 dB typ. Distortion @ 1 kHz Wide Band Noise 200 mVrms typ. 200 mVrms typ. 200 mVrms typ. 200 mVrms typ. (5 Hz - 2 MHz) Narrow Band Noise 50 mVrms typ. 50 mVrms typ. 50 mVrms typ. 50 mVrms typ. (5 Hz - 100 kHz) |
Similar Part No. - D824L8L-5 |
|
Similar Description - D824L8L-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |