Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0015453426 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0015453426
Description  2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015453426 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0015453426_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015453426_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/18/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0015453426
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical,
26 Circuits
Documents:
3D Model
Product Specification TS-70541-001-001 (PDF)
Drawing (PDF)
Application Specification AS-71395-001-001 (PDF)
Product Specification PS-71395-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
71395
Application
Board-to-Board, Signal
Overview
C-Grid® Products
Product Name
C-Grid
UPC
800754203876
Physical
Circuits (Loaded)
26
Circuits (maximum)
26
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length
1.47mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.57mm
Packaging Type
Tray
Pitch - Mating Interface
2.54mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2.5A
Grounding to PCB
No
Voltage - Maximum
250V
Solder Process Data
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
71395 Series
Mates With
8624 C-Grid Breakaway Header, 70246
Straight Header, 70247 Right Angle Header,
70287 C-Grid Header, 70227 Dual Row C-
Grid Header, 70567 C-Grid Header, 70280
C-Grid Breakaway Header, 70524 C-Grid
Breakaway Header


Similar Part No. - 0015453426_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015453426 MOLEX2-0015453426 Datasheet
371Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 26 Circuits
More results

Similar Description - 0015453426_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015453318 MOLEX1-0015453318_17 Datasheet
37Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453220 MOLEX1-0015453220_17 Datasheet
36Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453428 MOLEX1-0015453428_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453438 MOLEX1-0015453438_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453570 MOLEX1-0015453570_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453572 MOLEX1-0015453572_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453618 MOLEX1-0015453618_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453624 MOLEX1-0015453624_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453546 MOLEX1-0015453546_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453548 MOLEX1-0015453548_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453454 MOLEX1-0015453454_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com