Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASD700-1TU3-CYL Datasheet(PDF) 2 Page - A-Data Technology

Part # ASD700-1TU3-CYL
Description  Quality 3D NAND Flash
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ASD700-1TU3-CYL Datasheet(HTML) 2 Page - A-Data Technology

  ASD700-1TU3-CYL Datasheet HTML 1Page - A-Data Technology ASD700-1TU3-CYL Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IP68 dust/water proof plus
military-grade shockproof
The SD700 passes IEC IP68 specs, ensuring complete
dust-tight protection and survivability in up to 1.5m
of water for 60 minutes. We also tested it to
military-grade MIL-STD-810G 516.6 shockproof
requirements.
Features
● Read/write speed up to 440 MB/s
● Tough IP68 dust/water proof
● Military-grade shockproof
● Supports Android, Mac OS and Windows
● Lighter, quieter, more shock resistant
and more durable than external HDDs
● Portable-slim and sporty design
Specifications
● Interface: USB 3.1 Gen 1
● Capacity: 256GB / 512GB / 1TB
● Color: Black / Yellow
● Dimensions (L x W x H):
83.5 x 83.5 x 13.9 mm / 3.3 x 3.3 x 0.5"
● Weight: 75g(2.6oz)
● Warranty: 3 years
Light and easy to carry
At just 75g, the SD700 differs greatly from the external
durable storage you may be used to. This one slips
comfortably into a jacket pocket, and definitely goes well
with a bag without adding to your burdens. Always with you
and ready for work, the SD700 delivers portable strength .
Ordering Information
Capacity
Model Number
EAN Code
256GB
ASD700-256GU3-CYL
4712366969216
512GB
ASD700-512GU3-CYL
4712366969230
1 TB
ASD700-1TU3-CYL
4712366969254
256GB
ASD700-256GU3-CBK
4712366969209
512GB
ASD700-512GU3-CBK
4712366969223
1 TB
ASD700-1TU3-CBK
4712366969247


Similar Part No. - ASD700-1TU3-CYL

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ASD700X-1TU3-CRD A-DATA-ASD700X-1TU3-CRD Datasheet
519Kb / 2P
   IP68 certified and military-spec
ASD700X-256GU3-CRD A-DATA-ASD700X-256GU3-CRD Datasheet
519Kb / 2P
   IP68 certified and military-spec
ASD700X-512GU3-CRD A-DATA-ASD700X-512GU3-CRD Datasheet
519Kb / 2P
   IP68 certified and military-spec
More results

Similar Description - ASD700-1TU3-CYL

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
GAMMIXS10 A-DATA-GAMMIXS10 Datasheet
291Kb / 2P
   3D NAND Flash
SU800M.22280 A-DATA-SU800M.22280 Datasheet
671Kb / 2P
   3D TLC NAND Flash
logo
Apacer Technology Inc.
SV170-300 APACER-SV170-300 Datasheet
1Mb / 4P
   LDPC ECC engine with 3D NAND flash memory
SV170-M242 APACER-SV170-M242 Datasheet
974Kb / 4P
   LDPC ECC engine with 3D NAND flash memory
ST170-M280 APACER-ST170-M280 Datasheet
972Kb / 5P
   LDPC ECC engine with 3D NAND flash memory
SV170-300B APACER-SV170-300B Datasheet
952Kb / 4P
   LDPC ECC engine with 3D NAND flash memory
SV170-M280 APACER-SV170-M280 Datasheet
983Kb / 5P
   LDPC ECC engine with 3D NAND flash memory
logo
List of Unclassifed Man...
WDS200T2B0A ETC1-WDS200T2B0A Datasheet
307Kb / 2P
   3D NAND SATA-SSD
logo
A-Data Technology
SU650 A-DATA-SU650 Datasheet
275Kb / 2P
   Ultimate SU650 3D NAND SSD
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com