Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9392EHJ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9392EHJ
Description  Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9392EHJ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9392EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9392EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9392EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9392EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9392EHJ Datasheet HTML 9Page - Maxim Integrated Products MAX9392EHJ Datasheet HTML 10Page - Maxim Integrated Products MAX9392EHJ Datasheet HTML 11Page - Maxim Integrated Products MAX9392EHJ Datasheet HTML 12Page - Maxim Integrated Products MAX9392EHJ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Anything-to-LVDS Dual 2 x 2
Crosspoint Switches
_______________________________________________________________________________________
9
Detailed Description
The LVDS interface standard provides a signaling
method for point-to-point communication over a con-
trolled-impedance medium as defined by the ANSI
TIA/EIA-644 standard. LVDS utilizes a lower voltage
swing than other communication standards, achieving
higher data rates with reduced power consumption,
while reducing EMI emissions and system susceptibility
to noise.
The MAX9392/MAX9393 1.5GHz dual 2 x 2 crosspoint
switches optimize high-speed, low-power, point-to-
point interfaces. The MAX9392 accepts LVDS and
HSTL signals, while the MAX9393 accepts LVPECL and
CML signals. Both devices route the input signals to
either or both LVDS outputs.
When configured as a 1:2 splitter, the outputs repeat
the selected inputs. This configuration creates copies
of signals for protection switching. When configured as
a repeater, the device operates as a two-channel
buffer. Repeating restores signal amplitude, allowing
isolation of media segments or longer media drive.
When configured as a 2:1 mux, select primary or back-
up signals to provide a protection-switched, fault-toler-
ant application.
Input Fail-Safe
The differential inputs of the MAX9392/MAX9393 pos-
sess internal fail-safe protection. Fail-safe circuitry
forces the outputs to a differential low condition for
undriven inputs or when the common-mode voltage
exceeds the specified range. The MAX9392 provides
high-level input fail-safe detection for LVDS, HSTL, and
other GND-referenced differential inputs. The MAX9393
provides low-level input fail-safe detection for LVPECL,
CML, and other VCC-referenced differential inputs.
Select Function
The _SEL_ logic inputs control the input and output sig-
nal connections. Two logic inputs control the signal rout-
ing for each channel. _SEL0 and _SEL1 allow the
devices to be configured as a differential crosspoint
switch, 2:1 mux, dual repeater, or 1:2 splitter (Figure 7).
See Table 1 for mode-selection settings (insert A or B for
the _). Channels A and B possess separate select
inputs, allowing different configurations for each channel.
Enable Function
The EN_ _ logic inputs enable and disable each set of
differential outputs. Connect EN_ 0 to VCC to enable
the OUT_0/OUT_0 differential output pair. Connect
EN_0 to GND to disable the OUT_0/OUT_0 differential
output pair. The differential output pairs assert to a dif-
ferential low condition when disabled.
VOD = VOUT_ _ - VOUT_ _
VOD = 0
tCCS
VOD = 0
VOD = 0
VOD = 0
tCCS
VOUT_0
VOUT_0
VOUT_1
VOUT_1
tCCS MEASURED WITH _SEL0 = _SEL1 = HIGH OR LOW
(1:2 SPLITTER CONFIGURATION).
Figure 6. Output Channel-to-Channel Skew
OUT_0
OUT_0 OR OUT_1
OUT_1
2 x 2 CROSSPOINT
2:1 MUX
1:2 SPLITTER
DUAL REPEATER
OUT_0
OUT_1
OUT_0
OUT_1
IN_0
IN_1
IN_0
IN_1
IN_0
IN_1
IN_0 OR IN_1
Figure 7. Programmable Configurations


Similar Part No. - MAX9392EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9392EHJ MAXIM-MAX9392EHJ Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
MAX9392EHJ++ MAXIM-MAX9392EHJ+ Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
More results

Similar Description - MAX9392EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9390 MAXIM-MAX9390 Datasheet
372Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
MAX9390 MAXIM-MAX9390_07 Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9392 MAXIM-MAX9392_07 Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com