Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D61 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D61
Description  4-Pole Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D61 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D61 Datasheet HTML 1Page - Frequency Devices, Inc. D61 Datasheet HTML 2Page - Frequency Devices, Inc. D61 Datasheet HTML 3Page - Frequency Devices, Inc. D61 Datasheet HTML 4Page - Frequency Devices, Inc. D61 Datasheet HTML 5Page - Frequency Devices, Inc. D61 Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Fixed Frequency
D61 Series
4-Pole
Low-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
Model
D61L4B
D61L4L
Model
D61H4B
Product Specifications
Low-Pass
Low-Pass
High-Pass
Transfer Function
4-Pole, Butterworth
4-Pole, Bessel
Transfer Function
4-Pole, Butterworth
Size
1.8” x 0.8” x 0.5”
1.8” x 0.8” x 0.5”
Size
1.8” x 0.8” x 0.5”
Range fc
Range fc
D61
0.02 Hz to 1.00 Hz
0.02 Hz to 1.00 Hz
D61
0.02 Hz to 1.00 Hz
Theoretical Transfer
Appendix A
Appendix A
Theoretical Transfer
Appendix A
Characteristics
Page 7
Page 2
Characteristics
Page 27
Passband Ripple
0.0 dB
0.0 dB
Passband Ripple
0.0 dB
(theoretical)
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
Voltage Gain
0 ± 0.2 dB to 100 kHz
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
(non-inverting)
0 ± 0.5 dB to 120 kHz
Power Bandwidth
120 kHz
Small Signal Bandwidth
(-6dB) 1 MHz
Stopband
Stopband
Attenuation Rate
24 dB/octave
24 dB/octave
Attenuation Rate
24 dB/octave
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
Cutoff Frequency
fc
± 2% max.
Stability
± 0.01% /°C
± 0.01% /°C
Stability
± 0.01% /°C
Amplitude
-3dB
-3dB
Amplitude
-3dB
Phase
-180°
-121°
Phase
-180°
Filter Attenuation
0.67 dB
0.80 fc
1.86 dB
0.80 fc
Filter Attenuation
40 dB
0.31 fc
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
(theoretical)
30 dB
0.42 fc
30.0 dB
2.37 fc
30.0 dB
3.50 fc
3.01 dB
1.00 fc
40.0 dB
3.16 fc
40.0 dB
4.72 fc
0.02 dB
2.00 fc
Phase Match1
0 - 0.8 fc
± 2° max.
0 - fc
± 2° max.
Phase Match1
0 - 100 kHz
± 3° max.
± 1° typ.
± 1° typ.
± 1.5° typ.
0.8 fc - 1.0 fc
± 3° max.
± 1.5° typ.
Amplitude Accuracy
0 - 0.8 fc
± 0.2 dB max.
0 - fc
± 0.2 dB max.
Amplitude Accuracy
1.0 - 1.25 fc
± 0.30 dB max.
(theoretical)
± 0.1 dB typ.
± 0.1 dB typ.
(theoretical)
± 0.15 dB typ.
0.8 fc - 1.0 fc ± 0.3 dB max.
1.25 fc -100 kHz ± 0.20 dB max.
± 0.15 dB typ.
± 0.10 dB typ.
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
Wide Band Noise
400
mVrms typ.
(5 Hz - 2 MHz)
(5 Hz - 2 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
Narrow Band Noise
100
mVrms typ.
(20 Hz - 100 kHz)
(20 Hz - 100 kHz)
Filter Mounting
Filter Mounting
Assembly
FMA-01A
FMA-01A
Assembly
FMA-01A


Similar Part No. - D61

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D612K SANYO-D612K Datasheet
238Kb / 8P
   25V/35V, 2A Low-Frequency Power Amp Applications?
logo
Frequency Devices, Inc.
D61H4B FREQUENCYDEVICES-D61H4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
D61H4L FREQUENCYDEVICES-D61H4L Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
D61L4L FREQUENCYDEVICES-D61L4L Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
More results

Similar Description - D61

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D70L8B FREQUENCYDEVICES-D70L8B Datasheet
672Kb / 14P
   DIP Filters 8-, 6-, 4-Pole Filters
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
logo
List of Unclassifed Man...
854L8B ETC1-854L8B Datasheet
432Kb / 13P
   2 X 4 4-Pole Filters
logo
Frequency Devices, Inc.
D824 FREQUENCYDEVICES-D824 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
D74L4B FREQUENCYDEVICES-D74L4B Datasheet
773Kb / 6P
   16 Pin DIP 4-Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
D68BP4 FREQUENCYDEVICES-D68BP4 Datasheet
572Kb / 6P
   Fixed Frequency 4-Pole Pair Filters
logo
List of Unclassifed Man...
858L8B ETC1-858L8B Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
DP74 ETC1-DP74 Datasheet
558Kb / 6P
   16 Pin DIP 4-Pole Filters
logo
Frequency Devices, Inc.
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com