Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9392 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9392
Description  Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9392 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9392 Datasheet HTML 1Page - Maxim Integrated Products MAX9392 Datasheet HTML 2Page - Maxim Integrated Products MAX9392 Datasheet HTML 3Page - Maxim Integrated Products MAX9392 Datasheet HTML 4Page - Maxim Integrated Products MAX9392 Datasheet HTML 5Page - Maxim Integrated Products MAX9392 Datasheet HTML 6Page - Maxim Integrated Products MAX9392 Datasheet HTML 7Page - Maxim Integrated Products MAX9392 Datasheet HTML 8Page - Maxim Integrated Products MAX9392 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Anything-to-LVDS Dual 2 x 2
Crosspoint Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, RL = 100
Ω±1%, EN_ _ = VCC, VCM = 0.05V to (VCC - 0.6V) (MAX9392), VCM = 0.6V to (VCC - 0.05V)
(MAX9393), TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V, |VID| = 0.2V, VCM = +1.2V, TA = +25°C,
unless otherwise noted.) (Notes 1, 2, and 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.1V
IN_ _, IN_ _, OUT_ _, OUT_ _, EN_ _,
_SEL_ to GND..........................................-0.3V to (VCC + 0.3V)
IN_ _ to IN_ _ ..........................................................................
±3V
Short-Circuit Duration (OUT_ _, OUT_ _) ...................Continuous
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFP (derate 13.1mW/°C
above +70°C).............................................................1047mW
32-Pin 5mm x 5mm Thin QFN (derate 21.3mW/°C
above +70°C).............................................................1702mW
Junction-to-Ambient Thermal Resistance in Still Air
32-Pin TQFP............................................................+76.4°C/W
32-Pin 5mm x 5mm Thin QFN....................................+47°C/W
Junction-to-Case Thermal Resistance
32-Pin 5mm x 5mm Thin QFN......................................+2°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Soldering Temperature (10s) ...........................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVCMOS/LVTTL INPUTS (EN_ _, _SEL_)
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
0
0.8
V
Input High Current
IIH
VIN = +2.0V to VCC
020
µA
Input Low Current
IIL
VIN = 0 to +0.8V
0
10
µA
DIFFERENTIAL INPUTS (IN_ _,
IIIIN
N
N
N__
_
_ __
_
_)
Differential Input Voltage
VID
VILD > 0 and VIHD < VCC, Figure 1
0.1
3.0
V
MAX9392
0.05
VCC - 0.6
Input Common-Mode Range
VCM
MAX9393
0.6
VCC - 0.05
V
MAX9392
|VID| < 3.0V
-50
+10
Input Current
IIN_ _,
IIN_ _
MAX9393
|VID| < 3.0V
-10
+90
µA
LVDS OUTPUTS (OUT_ _,
O
O
O
OU
U
U
UT
T
T
T__
_
_ __
_
_)
Differential Output Voltage
VOD
RL = 100
Ω, Figure 2
250
350
450
mV
Change in Magnitude of VOD
Between Complementary Output
States
∆VOD
Figure 2
1.0
50
mV
Offset Common-Mode Voltage
VOS
Figure 2
1.125
1.25
1.375
V
Change in Magnitude of VOS
Between Complementary Output
States
∆VOS
Figure 2
1.0
50
mV


Similar Part No. - MAX9392

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
MAX9392 MAXIM-MAX9392 Datasheet
303Kb / 11P
   Fully Assembled and Tested
Rev 0; 5/08
MAX9392EHJ MAXIM-MAX9392EHJ Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
MAX9392EHJ++ MAXIM-MAX9392EHJ+ Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
MAX9392EVKIT MAXIM-MAX9392EVKIT Datasheet
303Kb / 11P
   Fully Assembled and Tested
Rev 0; 5/08
More results

Similar Description - MAX9392

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9390 MAXIM-MAX9390 Datasheet
372Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
MAX9390 MAXIM-MAX9390_07 Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9392 MAXIM-MAX9392_07 Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com